Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3245 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN3245
Szczegółowy opis  A hardware and software guide for the STMPE1801 Xpander
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3245 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN3245 Datasheet HTML 1Page - STMicroelectronics AN3245 Datasheet HTML 2Page - STMicroelectronics AN3245 Datasheet HTML 3Page - STMicroelectronics AN3245 Datasheet HTML 4Page - STMicroelectronics AN3245 Datasheet HTML 5Page - STMicroelectronics AN3245 Datasheet HTML 6Page - STMicroelectronics AN3245 Datasheet HTML 7Page - STMicroelectronics AN3245 Datasheet HTML 8Page - STMicroelectronics AN3245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Hardware
AN3245
4/19
Doc ID 17747 Rev 1
1
Hardware
1.1
External components
1.1.1
Typical application circuit
Figure 1.
Typical application schematic
Note:
Recommended connection at RSTB is based on the use of Baseband/CPU GPIO as the
control signal.
In a typical application, the following external components are required:
●
R1: 10 k
Ω pull-up resistor at RSTB
●
R2: 2.2 k
Ω - 10 kΩ pull-up resistor at INTB
●
R3: 2.2 k
Ω - 10 kΩ pull-up resistor at SCL (It is recommended that Vpullup ≥ VCC)
●
R4: 2.2 k
Ω - 10 kΩ pull-up resistor at SDA (It is recommended that Vpullup ≥ VCC)
●
C1: 100 nF capacitor at VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com