Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1607 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części UM1607
Szczegółowy opis  24-pin smartcard interface ST8034HC demonstration board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1607 Arkusz danych(HTML) 7 Page - STMicroelectronics

  UM1607 Datasheet HTML 1Page - STMicroelectronics UM1607 Datasheet HTML 2Page - STMicroelectronics UM1607 Datasheet HTML 3Page - STMicroelectronics UM1607 Datasheet HTML 4Page - STMicroelectronics UM1607 Datasheet HTML 5Page - STMicroelectronics UM1607 Datasheet HTML 6Page - STMicroelectronics UM1607 Datasheet HTML 7Page - STMicroelectronics UM1607 Datasheet HTML 8Page - STMicroelectronics UM1607 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DocID024208 Rev 1
7/9
UM1607
Bill of material
5
Bill of material
Table 2. Bill of material
Component
Value
Type
Manufacturer
Note
U1
ST8034HCQR
STMicroelectronics®
QFN24 4 x 4 x 0.8 mm
package
SC1
7434L0825S01LF
FCI
J1
ARK210/2EX
Xinya
J2
ARK210/2EX
Xinya
J3
T821116A1R100CEU
Amphenol
S1
SSSS820201
ALPS
S2
SSSS820501
ALPS
S3
SSSS820501
ALPS
X1
10 MHz
Q 10.0-SMU4-30-30
Jauch
R1
18 k
0805
R2
82 k
0805
R3
100 k
0805
R4
100 k
0805
R5
100 k
0805
R6
100 k
0805
R7
100 k
0805
R8
100 k
0805
C1
100 nF
0805
C2
100 nF
0805
C3
100 nF
0805
C4
100 nF
0805
C5
10 µF
0805
C6
220 nF
0805
C7
10 pF
0805
C8
10 pF
0805
Cable connectors
2 x 8 pins / 16-lead
T812116A101CEU
Amphenol
Cable
16-lead
1-57040-6
TE Connectivity



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com