Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1607 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części UM1607
Szczegółowy opis  24-pin smartcard interface ST8034HC demonstration board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1607 Arkusz danych(HTML) 3 Page - STMicroelectronics

  UM1607 Datasheet HTML 1Page - STMicroelectronics UM1607 Datasheet HTML 2Page - STMicroelectronics UM1607 Datasheet HTML 3Page - STMicroelectronics UM1607 Datasheet HTML 4Page - STMicroelectronics UM1607 Datasheet HTML 5Page - STMicroelectronics UM1607 Datasheet HTML 6Page - STMicroelectronics UM1607 Datasheet HTML 7Page - STMicroelectronics UM1607 Datasheet HTML 8Page - STMicroelectronics UM1607 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID024208 Rev 1
3/9
UM1607
Description
2
Description
Figure 2. Demonstration board description
2.1
Use of the demonstration board
The ST8034HC demonstration board is designed both for standalone operation or to be fully
controlled by the microcontroller; it is fully configurable and provides access to all the
signals including supply voltages through labeled test points and uses a standard connector
for a simple communication interface with the microcontroller block. The labeled test points
on the board are in the same order as the signals in the flat interface cable.
The following blocks provide the demonstration board configurability:
Crystal clock oscillator (10 MHz): can be used to provide card clock in a standalone
operation.
Card clock source selection switch: allows selection between the onboard crystal
oscillator as the card clock source (clock source switch position “Xtal”), or an external
clock source provided by the microcontroller block through the MCU interface together
with the data signals (clock source switch position “Ext”).
Card supply (VCC) selection switches: the demonstration board provides easy but
flexible card supply voltage selection either by the onboard configuration switches or by
the microcontroller. Put the VCC_SEL1 and VCC_SEL2 switches to the position
“VDD(INTF)” (logic high level) or “GND” (logic low level) to select the desired VCC value
(5.0 V, 3.0 V or 1.8 V) according to Table 1, or to the center position (“MCU”) which
connects this signal to the microcontroller interface to allow its control of these input
signals.



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com