Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN937 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części AN937
Szczegółowy opis  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 2Page - STMicroelectronics AN937 Datasheet HTML 3Page - STMicroelectronics AN937 Datasheet HTML 4Page - STMicroelectronics AN937 Datasheet HTML 5Page - STMicroelectronics AN937 Datasheet HTML 6Page - STMicroelectronics AN937 Datasheet HTML 7Page - STMicroelectronics AN937 Datasheet HTML 8Page - STMicroelectronics AN937 Datasheet HTML 9Page - STMicroelectronics AN937 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Power supply, UVLO and voltage reference
AN937
6/29
Doc ID 5655 Rev 15
Figure 7.
Maximum duty cycle vs. Rosc and Cosc as parameter
In fact, the slope of the ramp is modulated by the input ripple voltage, generally present in
the order of some tents of Volt, for both off-line and dc-dc converters using mains
transformers.
The charge and discharge time is approximately to:
The maximum duty cycle is a function of Tch, Tdis and an internal delay and is represented
by the equation:
and is represented in Figure 7:
2.2
Current protection
The L4971 has two current limit levels, pulse by pulse and hiccup modes.
Increasing the output current till the pulse by pulse limiting current threshold (Ith1 typ. value
of 2.5 A) the controller reduces the on-time till the value of TB = 300 ns that is a blanking
time in which the current limit protection does not trigger. This minimum time is necessary to
avoid undesirable intervention of the protection due to the spike current generated during
the recovery time of the freewheeling diode.
0
4
8
121620242832 ROSC(K
Ω)
0.60
0.70
0.80
0.90
Dmax
D97IN685
0.8nF
1.2nF
2.2nF
4.7nF
5.3nF
Tch
R
osc
C
osc
⋅
In
6
5
---
⎝⎠
⎛⎞
⋅
=
Tdis
100 C
osc
⋅
=
Dmax
R
osc
C
osc
In
6
5
---
⎝⎠
⎛⎞
80 10
9
–
⋅
–
⋅⋅
R
osc
C
osc
In
6
5
---
⎝⎠
⎛⎞
100 C
osc
⋅
+
⋅⋅
----------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com