Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN1620 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN1620
Szczegółowy opis  25W OFF-LINE AUTORANGING BATTERY CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1620 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN1620 Datasheet HTML 1Page - STMicroelectronics AN1620 Datasheet HTML 2Page - STMicroelectronics AN1620 Datasheet HTML 3Page - STMicroelectronics AN1620 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
AN1620 APPLICATION NOTE
The realisation of the three different functional modes requires dedicated controls.
The voltage and current controls are located on the secondary side of the transformer, and the error signal is
transferred to the primary controller via an optocoupler in order to have an isolated feedback.
The TSM101A a dual op/amp, with an internal 1.24V reference is used. One op/amp is dedicated to the voltage
mode control and the second one to the constant current control.
The two output are OR-ed and the common point drives the optocoupler.
The current signal is taken across the 40mOhm current sense resistor, R16, while the R18 potentiometer ad-
justs the output voltage.
The constant power characteristic is easy to achieve with discontinuous mode operation, since constant primary
peak current means constant output power. The value is programmed by adding a proper offset voltage, defined
by R3 value (fig 4), to the current sense ramp at pin 13.
Figure 4. Schematic diagram for output constant power.
The value of this resistor is related to the desired output power Pout by the below relationship:
where L1 is the primary inductance,
η is the expected efficiency, f is the switching frequency and Rs is the cur-
rent sense resistance.
The L5991A introduces a delay, td @ 100ns, at turn-off, on the current loop, and due to this, the primary peak
current value increases according to its slope.
The consequence is that the regulated output power is a function of the input voltage. R28 is introduced in order
to compensate this error.
Its value can be calculated with the following formula:
A primary auxiliary winding is required to supply the IC after turn-on, and it has to be designed to generate a dc
voltage within the limits of the IC supply voltage range. It should be loosely coupled with the secondary winding
in order to minimise the reflected secondary-to-primary effects when the output voltage is going down towards
short circuit.
A second auxiliary winding, on the secondary side transformer, forward coupled with the principal primary wind-
ing, has been added. When the system is in constant current mode, and the output voltage is reduced, this wind-
ing provides the supply voltage for the TSM101A.
The Table A summarises the efficiency performance of the complete system, and Table B shows the electrical
system performance.
L5991A
2.7M
10K
1K
0.5
Ω
4
10
13
IN438_mod
10
100pF
R
3
R
30
4
1
2
L
1
f
η
⋅⋅
--------------------

 R
S
P
out
⋅⋅
–
------------------------------------------------------------------------
⋅
=
R
28
R
30 / /R3
() L
1
⋅
t
d
R
S
⋅
--------------------------------------
=



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com