Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN1620 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN1620
Szczegółowy opis  25W OFF-LINE AUTORANGING BATTERY CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1620 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN1620 Datasheet HTML 1Page - STMicroelectronics AN1620 Datasheet HTML 2Page - STMicroelectronics AN1620 Datasheet HTML 3Page - STMicroelectronics AN1620 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
4/4
AN1620 APPLICATION NOTE
Table A. System efficiency.
Table B. System performance (Pout limited to 25W)
Vin (Vac)
Iout = 1A
Iout = 2A, Pout = 36W
Iout = 1.8A, Pout = 25W
Vout (V)
η
Vout (V)
η
Vout (V)
η
85
110
220
264
17.97
17.94
17.89
17.89
83.9%
85.1%
84.4%
82.0%
17.96
17.96
17.91
17.89
82.2%
83.7%
83.5%
83.0%
13.82
13.86
14.31
14.41
82.6%
83.7%
83.8%
82.7%
Line regulation
Vin = 85 to 264 Vac, Iout = 1A
80mV
Load regulation
Iout = 0.5 to 1.8A, Vin = 85V
Vin = 264V
10mV
10mV
Maximum efficiency
Vin = 180 Vac, Iout = 1.8A
85.2%
Output ripple
Vin = 85 to 264 Vac, Iout = 1.8A
< 200mV



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com