| Zakładka z wyszukiwarką danych komponentów |
|
AN2115 Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2115 Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 33 page ![]() Device description AN2115 6/33 Doc ID 11165 Rev 5 1 Device description The L6928 is a high efficiency monolithic synchronous step-down regulator capable of delivering up to 800 mA at output voltages from 0.6 V to Vin (100% duty cycle). It has been designed using BCDV technology and employs a constant frequency peak current mode as the control loop architecture. The input voltage ranges from 2 V to 5.5 V. Thanks to very low quiescent current (25 µA) and shutdown current (0.2 µA), the device is highly suitable for supplying battery-powered equipment (particularly for those using single lithium-ion cells) such as PDAs and hand-held terminals, DSCs (digital still cameras) and cellular phones. While the switching frequency is internally set at 1.4 MHz, the device can be externally synchronized from 1 MHz to 2 MHz. If this feature is not required, it can operate in low consumption mode (LCM) or low noise mode (LNM), depending on the SYNC pin value. A very low internal reference voltage (0.6 V typ.) allows the device to regulate very low output voltages, in accordance with new microprocessor supply voltage requirements. The very low RDS(on) of the Power MOSFETs ensures high efficiency at high output current. Other beneficial features are UVLO (undervoltage lockout), OVP (overvoltage protection), constant current short circuit protection, Power Good (power good output) and thermal shutdown. The space saving MSOP8 package, combined with a minimum need for external components, allows for very compact applications. Figure 2. Minimum size application circuit Figure 3. Pin connection Figure 4. Package RUN COMP VFB GND 1 3 2 VCC SYNC PGOOD 8 7 6 5 D01IN1239AMOD 4 |