| Zakładka z wyszukiwarką danych komponentów |
|
AN2115 Arkusz danych(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2115 Arkusz danych(HTML) 25 Page - STMicroelectronics |
|
25 / 33 page ![]() AN2115 Demonstration board schematic Doc ID 11165 Rev 5 25/33 8 Demonstration board schematic The very small package and high switching frequency allow for a very compact application. The demonstration board circuit is shown in Figure 18: Figure 18. Schematic of the demonstration board The external component parts list is shown below: Table 6. Demonstration board parts list Reference Part number Description Manufacturer C1 GRM21BR60J106KE19 10 µF 6.3 V Murata C2 GRM21BR60J106KE19 10 µF 6.3 V Murata C3 C0406C221J5GAC 220 pF, 5% 50 V Kemet R1 10 k Ω 1% 0402 Neohm R2 100 k Ω 1% 0402 Neohm R3 200 k Ω 1% 0402 Neohm R4 100 k Ω 1% 0402 Neohm L1 CH4192-A 4.7 µH Coilcraft LPS4012-472MLC 4.7 µH |