| Zakładka z wyszukiwarką danych komponentów |
|
AN2713 Arkusz danych(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2713 Arkusz danych(HTML) 30 Page - STMicroelectronics |
|
30 / 40 page ![]() Software installation AN2713 30/40 Doc ID 14431 Rev 1 Figure 27. LPT1 setting Figure 28. Password setting At this point, the device address can be chosen. For the LNBH23, only $02= ADDR pin force to GND or $03= ADDR pin force to +5 V can be selected. Setting for LPT1 “STM” is the password (case sensitive) |