Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2844 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN2844
Szczegółowy opis  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 3Page - STMicroelectronics AN2844 Datasheet HTML 4Page - STMicroelectronics AN2844 Datasheet HTML 5Page - STMicroelectronics AN2844 Datasheet HTML 6Page - STMicroelectronics AN2844 Datasheet HTML 7Page - STMicroelectronics AN2844 Datasheet HTML 8Page - STMicroelectronics AN2844 Datasheet HTML 9Page - STMicroelectronics AN2844 Datasheet HTML 10Page - STMicroelectronics AN2844 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AN2844
Adapter features
7/37
The operational voltage of the converter ranges from 125 to 1250 VDC, which enables the
demonstration board to be used in various technologies, particularly in metering
applications. The output voltage is 5 V and the maximum output power is 15 W.
The board is protected with a 1-A fuse in the primary area. A negative temperature
coefficient (NTC) resistor is inserted in series with the input line to protect the demonstration
board from inrush current. For voltage purposes on the input DC line, the main 450 V
filtering capacitors are connected in series.
Figure 3.
ESBT - internal schematic and symbol
A non-dissipative active startup circuit has been implemented to optimize the converter’s
efficiency. The alternative option of using a pure resistive startup circuit was rejected due to
unacceptable power losses. The active startup circuit has been designed with Q4, Q5 and
related passive parts. The R4, R6, R11, R15, R19 and R25 resistors provide the supply
current to the PWM driver during the start-up phases and have been calculated from the
minimal input supply voltage of the converter and required supply current of the PWM
controller L6565, plus the related supply current required to charge the C15 filtering
capacitor within a reasonable time to maintain an acceptable startup time. The balance
resistors R8, R13, R17 and R23 are used to ensure the same voltage drop across each
input capacitor. R28 and R30 supply the current into the base of the Q4 high-voltage
Darlington transistor. When the rising voltage on the C15 capacitor reaches the start-up
threshold of the L6565 PWM controller, the voltage on the transformer's auxiliary winding
turns on the Q5 transistor, which in turn shorts the base of the Q4 transistor. This means
that the active startup is blocked. The main power dissipation under normal working
conditions of the startup circuit is due to the balance resistors. Refer to AN2454 "Universal
input voltage power supply for ESBT-based breaker and metering applications" for more
information on active startup issues.
The self-supply circuit that provides the supply energy to the controller has been built
around Q1, which acts as a linear voltage regulator. This voltage regulator offers a stable
output supply voltage, which guarantees the performance of the converter’s overall input
voltage range at very low or no loads. The voltage regulator is mandatory in such
applications with a wide input voltage range. The value of the auxiliary voltage is set with the
Zener diode D7 and is approximately 14.5 V. The primary side of the converter incorporates
the L6565 PWM controller that includes all the features required for building a complete
system working in QR mode with a minimal number of external components.
Information relating to the zero voltage switching comes from the transformer’s auxiliary
winding. The auxiliary winding is also used for the controller’s self-supply. To keep a
relatively constant output power across the entire input voltage range, the line voltage is fed
through resistors R9, R14, R18, R24, R29 and R31 into the line voltage feed-forward pin
(VFF) of the L6565.
C
C
B
B
G
G
S
S
AM003535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com