Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2844 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN2844
Szczegółowy opis  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 6Page - STMicroelectronics AN2844 Datasheet HTML 7Page - STMicroelectronics AN2844 Datasheet HTML 8Page - STMicroelectronics AN2844 Datasheet HTML 9Page - STMicroelectronics AN2844 Datasheet HTML 10Page - STMicroelectronics AN2844 Datasheet HTML 11Page - STMicroelectronics AN2844 Datasheet HTML 12Page - STMicroelectronics AN2844 Datasheet HTML 13Page - STMicroelectronics AN2844 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Waveforms and results
AN2844
10/37
3
Waveforms and results
Figure 4 to Figure 15 show the main waveforms in steady-state conditions, and depict the
function of the converter with full loads or no loads and with various input voltages. The
figures also show the turn-ON and turn-OFF behavior in various conditions. Of particular
interest is the behavior of the base current, where an initial high-peak pulse is needed to
minimize the effect of the dynamic saturation voltage.
Figure 4.
VIN = 125 VDC and maximum output power in steady-state conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com