Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2872 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN2872
Szczegółowy opis  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN2872 Datasheet HTML 1Page - STMicroelectronics AN2872 Datasheet HTML 2Page - STMicroelectronics AN2872 Datasheet HTML 3Page - STMicroelectronics AN2872 Datasheet HTML 4Page - STMicroelectronics AN2872 Datasheet HTML 5Page - STMicroelectronics AN2872 Datasheet HTML 6Page - STMicroelectronics AN2872 Datasheet HTML 7Page - STMicroelectronics AN2872 Datasheet HTML 8Page - STMicroelectronics AN2872 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
April 2009
Doc ID 15305 Rev 1
1/23
AN2872
Application note
Super wide-range buck converter based on the VIPer16
1
Introduction
This document describes the STEVAL-ISA010V1 demonstration board, which is designed
as an example of a simple non-isolated auxiliary power supply for a range of input voltages
from 85 VAC to 500 VAC.
There is an ever-increasing demand for small power supplies capable of working without
voltage range limitations, even at nominal levels of 400 VAC and 415 VAC, respectively. The
real voltage levels can reach 500 VAC (415 V + 20%). The major markets for this type of
SMPS are home appliances and metering.
The new STMicroelectronics™ family of monolithic converters is well-suited for this range of
input voltages, thanks to the 800 V avalanche-rugged MOSFET integrated within the same
package with the control chip. This application note describes a low power SMPS with
a buck topology using STMicroelectronics’ VIPer16 fixed-frequency off-line converter as
a main circuit. The VIPer16 device includes an 800 V rugged power switch, a PWM
controller, programmable overcurrent, overvoltage, overload, a hysteretic thermal protection,
soft-start and safe auto-restart after any fault condition removal. Burst mode operation at
light load combined with the very low consumption of the device helps to meet standby
energy-saving regulations. The significant benefit of this new chip derives from the jitter of
the switching frequency and the possibility to supply the chip directly from the DC HV bus,
so auxiliary supply is not mandatory. The VIPer16 is suitable for flyback or buck topologies,
and thanks to an internal self-supply circuit it does not require an auxiliary supply.
Figure 1.
The STEVAL-ISA010V1 demonstration board
www.st.com


Podobny numer części - AN2872

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AN287 ETC2-AN287 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2870 STMICROELECTRONICS-AN2870 Datasheet
1Mb / 41P
L6585DE combo IC
26-Mar-2009
AN2871 STMICROELECTRONICS-AN2871 Datasheet
330Kb / 25P
This application note is intended for hardware designers
18-Sep-2013
AN2874 STMICROELECTRONICS-AN2874 Datasheet
82Kb / 6P
BQD filter design equations
16-Feb-2009
More results

Podobny opis - AN2872

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
Wide range single-output demonstration board based on the VIPER37LE
16-May-2012
STEVAL-ILB007V1 STMICROELECTRONICS-STEVAL-ILB007V1 Datasheet
90Kb / 4P
2 x 58 W wide-range ballast based on the L6585DE combo IC
28-Jan-2011
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA049V2 STMICROELECTRONICS-STEVAL-ISA049V2 Datasheet
170Kb / 4P
Synchronous dual buck converter with inhibit demonstration board based on the ST2S06B
01-Jul-2009
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA129V1 STMICROELECTRONICS-STEVAL-ISA129V1 Datasheet
239Kb / 4P
16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
16-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com