Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2872 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN2872
Szczegółowy opis  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN2872 Datasheet HTML 6Page - STMicroelectronics AN2872 Datasheet HTML 7Page - STMicroelectronics AN2872 Datasheet HTML 8Page - STMicroelectronics AN2872 Datasheet HTML 9Page - STMicroelectronics AN2872 Datasheet HTML 10Page - STMicroelectronics AN2872 Datasheet HTML 11Page - STMicroelectronics AN2872 Datasheet HTML 12Page - STMicroelectronics AN2872 Datasheet HTML 13Page - STMicroelectronics AN2872 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Description
AN2872
10/23
Doc ID 15305 Rev 1
a MOSFET integrated in the VIPer16. The low side switch of the buck converter is
freewheeling diode D5 (800 V / 1 A). The energy is saved in inductor L2 and output capacitor
C5 during the ON time, when the MOSFET is conducting. The ON time (and consequently
also the duty cycle) is very short (in the range several %) due to the high ratio between the
input and the output voltage. During the OFF time, the MOSFET is switched OFF and diode
D5 conducts. Inductor L2 is discharged to the output and to capacitors C5 and C8 through
diodes D2 and D5. As the inductor L2 is, during OFF time, connected to C8 and C5 the
voltage drop over C8 (used for feedback regulation) is similar to the output voltage level.
Diode D1 is also applied, though not mandatory for correct operation, to reduce the power
consumption of the VIPer16 and consequently the standby power.
The VIPer16 operates in current mode. The FB pin is connected to the input of the error
amplifier, the output of the error amplifier is visible on the COMP pin and is connected to the
input of the built-in comparator for comparing the value from the output of the error amplifier
to the drain current. The voltage level expected on the FB pin is 3.3 V. It is possible to see
a rise in the output voltage at low or almost no load for this type of buck converter. This
effect is caused by the capacitor C8 discharging faster than C5 at light or no load, and C5,
moreover, is charged at every ON time. Consequently, the voltage over C8 is constant while
the voltage over C5 rises. To protect the output capacitors and the load against overvoltage
at light load, Zener diode D6 is included, limiting the output voltage to 15 V. It is possible to
use a simple resistive load instead of the Zener diode. The value of the minimum load
depends on the complete configuration of the components. If linear regulator U2 is not used,
the value of the resistor is 12 k
Ω (1 mA load), which could reduce the output voltage to
a similar level as the Zener diode.
Regarding current limitation, other features of VIPer16 can be activated by assembling
resistor R7, but it is not originally assembled to allow the delivery of maximum power.
A simple linear regulator is also assembled, generating 5 V on the output as an option to
complete the basic idea of generating 12 V and 5 V outputs. It should be highlighted that the
VIPer16 can also directly generate a 5V output (instead of 12 V). The 5 V can be set by
changing the value of resistor R3 to 4.7 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com