Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3063 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN3063
Szczegółowy opis  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 6Page - STMicroelectronics AN3063 Datasheet HTML 7Page - STMicroelectronics AN3063 Datasheet HTML 8Page - STMicroelectronics AN3063 Datasheet HTML 9Page - STMicroelectronics AN3063 Datasheet HTML 10Page - STMicroelectronics AN3063 Datasheet HTML 11Page - STMicroelectronics AN3063 Datasheet HTML 12Page - STMicroelectronics AN3063 Datasheet HTML 13Page - STMicroelectronics AN3063 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Test results and significant waveforms
AN3063
10/33
Doc ID 16261 Rev 3
4
Test results and significant waveforms
4.1
Harmonic content measurement
One of the main purposes of a PFC pre-conditioner is the correction of input current
distortion, decreasing the harmonic contents below the limits of the relevant regulations.
Therefore, this demonstration board has been tested according to the European standard
EN61000-3-2 class-D and Japanese standard JEITA-MITI Class-D, at full load at both the
nominal input voltage mains.
The circuit is able to reduce the harmonics well below the limits of both regulations from full
load down to light load (measurements are shown in
Figure 3 and 4). Please note that all
measures and waveforms have been done using a Pi-filter for filtering the noise coming from
the circuit, using a 20 mH common-mode choke and two 470NF-X2 filter capacitors.
Figure 3.
EVL6563H-100W TM PFC:
compliance to EN61000-3-2
standard
Figure 4.
EVL6563H-100W TM PFC:
compliance to JEITA-MITI standard
Vin = 230 Vac - 50 Hz
Pout = 100 W
THD = 2.72 %
PF = 0.982
Vin = 100 Vac - 50 Hz
Pout = 100 W
THD = 2.94 %
PF = 0.999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com