Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3063 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN3063
Szczegółowy opis  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN3063 Datasheet HTML 1Page - STMicroelectronics AN3063 Datasheet HTML 2Page - STMicroelectronics AN3063 Datasheet HTML 3Page - STMicroelectronics AN3063 Datasheet HTML 4Page - STMicroelectronics AN3063 Datasheet HTML 5Page - STMicroelectronics AN3063 Datasheet HTML 6Page - STMicroelectronics AN3063 Datasheet HTML 7Page - STMicroelectronics AN3063 Datasheet HTML 8Page - STMicroelectronics AN3063 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Main characteristics and circuit description
AN3063
4/33
Doc ID 16261 Rev 3
1
Main characteristics and circuit description
The main characteristics of the SMPS are listed below:
●
Line voltage range: 90 to 265 Vac
●
Minimum line frequency (fL): 47 Hz
●
Regulated output voltage: 400 V
●
Rated output power: 100 W
●
Maximum 2fL output voltage ripple: 20 V pk-pk
●
Hold-up time: 10 ms (VDROP after hold-up time: 300 V)
●
Minimum switching frequency: 40 kHz
●
Minimum estimated efficiency: 92% (at Vin = 90 Vac, Pout = 100 W)
●
Maximum ambient temperature: 50°C
●
PCB type and size: single side, 35 µm, CEM-1, 90 x 83 mm
This demonstration board implements a power factor correction (PFC) pre-regulator, 100 W
continuous power, on a regulated 400 V rail from a wide-range mains voltage and provides
for the reduction of the mains harmonics, allowing to meet the European EN61000-3-2 or
the Japanese JEITA-MITI standard. The regulated output voltage is typically the input for the
cascaded isolated DC-DC converter thatprovides the output rails required by the load.
The board is designed to allow full-load operation in still air.
The power stage of the PFC is a conventional boost converter, connected to the output of
the rectifier bridge D1. It is completed by the coil L2, the diode D3 and the capacitor C6. The
boost switch is represented by the power MOSFET Q1. The NTC R1 limits the inrush
current at switch-on. It has been connected on the DC rail, in series to the output electrolytic
capacitor, in order to improve the efficiency during low-line operation because the RMS
current flowing into the output stage is lower than current flowing into the input one at the
same input voltage, thus increasing efficiency. The board is equipped with an input EMI filter
necessary to filter the commutation noise coming from the boost stage.
At startup the L6563H is powered by the electrolytic capacitor C11 that is charged via high-
voltage startup (HVS) pin #9. The HVS pin, able to withstand 700 V, is connected directly to
the rectified mains voltage. A 0.85 mA (typ.) internal current source charges the capacitor
C11 connected between Vcc pin #16 and GND pin #14 until the voltage on the Vcc pin
reaches the startup threshold. The L2 secondary winding and the charge pump circuit (C7,
R4, D4 and D5) generate the Vcc voltage, powering the L6563H during normal operation.
The L2 secondary winding is also connected to the L6563H pin #13 (ZCD) through the
resistor R5. Its purpose is to supply the information that L2 has demagnetized, needed by
the internal logic for triggering a new switching cycle.
The divider R9, R12, R17 and R19 provides the L6563H multiplier with the information of the
instantaneous mains voltage that is used to modulate the peak current of the boost.
The resistors R2, R8, R10 with R13 and R14 are dedicated to sense the output voltage and
feed back to the L6563H the information necessary to regulate the output voltage. The
components C9, R18 and C8 constitute the error amplifier compensation network necessary
to keep the required loop stability.
The peak current is sensed by resistors R25 and R26 in series to the MOSFET and the
signal is fed into pin #4 (CS) of the L6563H via the filter composed of R24 and C15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com