Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3134 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części AN3134
Szczegółowy opis  EVAL6229QR demonstration board using the L6229Q DMOS driver for a three-phase BLDC motor control application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3134 Arkusz danych(HTML) 2 Page - STMicroelectronics

  AN3134 Datasheet HTML 1Page - STMicroelectronics AN3134 Datasheet HTML 2Page - STMicroelectronics AN3134 Datasheet HTML 3Page - STMicroelectronics AN3134 Datasheet HTML 4Page - STMicroelectronics AN3134 Datasheet HTML 5Page - STMicroelectronics AN3134 Datasheet HTML 6Page - STMicroelectronics AN3134 Datasheet HTML 7Page - STMicroelectronics AN3134 Datasheet HTML 8Page - STMicroelectronics AN3134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Demonstration board description
AN3134
2/10
Doc ID 16960 Rev 1
1
Demonstration board description
Table 1.
EVAL6229QR pin description
Name
Type
Function
VS
Power supply
Hal bridges power supply voltage
PGND
Ground
Power ground terminal.
VDD
Power supply
Hall effect sensors pull-up voltage.
H1
Sensor input
Single ended hall effect sensor input 1.
H2
Sensor input
Single ended hall effect sensor input 2.
H3
Sensor input
Single ended hall effect sensor input 3.
SGND
Ground
Signal ground terminal.
DIAG
Open-drain output
Diagnostic pin. When ‘low’, signals an overcurrent or
overtemperature event.
TACHO
Open-drain output
Frequency-to-voltage open drain output. Every pulse from H1 pin is
shaped as a fixed and adjustable length pulse.
F/R
Logic input
Selects the direction of the rotation (‘H’ = CW; ‘L’ = CCW).
EN
Logic input/output
Chip enable (active ‘high’). When ‘low’, switches OFF all power
MOSFETs of three half-bridges.
VREF
Analog input
Current controller reference voltage.
BRAKE
Logic input
Brake input pin. When ‘low, switches ON all high-side power
MOSFETs implementing the brake function.
OUT1
Power output
Output phase 1.
OUT2
Power output
Output phase 2.
OUT3
Power output
Output phase 3.



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com