Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3134 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN3134
Szczegółowy opis  EVAL6229QR demonstration board using the L6229Q DMOS driver for a three-phase BLDC motor control application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3134 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN3134 Datasheet HTML 1Page - STMicroelectronics AN3134 Datasheet HTML 2Page - STMicroelectronics AN3134 Datasheet HTML 3Page - STMicroelectronics AN3134 Datasheet HTML 4Page - STMicroelectronics AN3134 Datasheet HTML 5Page - STMicroelectronics AN3134 Datasheet HTML 6Page - STMicroelectronics AN3134 Datasheet HTML 7Page - STMicroelectronics AN3134 Datasheet HTML 8Page - STMicroelectronics AN3134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN3134
Demonstration board description
Doc ID 16960 Rev 1
3/10
Figure 2.
EVAL6229QR demonstration board pin locations
The decoding logic integrated in the device is a combinatory logic which provides the
appropriate driving signals for the three-phase bridge outputs, based on the signals coming
from the three hall sensors H1, H2 and H3. The hall sensors detect rotor position in a 3-
phase BLDC motor.
The EN pin connected to the diagnostic output DIAG is used to implement the overcurrent
and thermal protection.
To perform PWM current control, an analog reference voltage should be provided at the
VREF pin. A fixed reference voltage can be easily obtained through a resistor divider from
an external voltage rail and GND (possibly that which supplies the microcontroller or the rest
of the application). Alternatively, a very simple way of obtaining a variable voltage without
using a DAC is to low-pass filter the PWM output of a microcontroller.
Table 2 summarizes the electrical specifications of the application, Figure 3 shows the
electrical schematic, and Table 3 provides the component list.



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com