Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4350 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN4350
Szczegółowy opis  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN4350 Datasheet HTML 1Page - STMicroelectronics AN4350 Datasheet HTML 2Page - STMicroelectronics AN4350 Datasheet HTML 3Page - STMicroelectronics AN4350 Datasheet HTML 4Page - STMicroelectronics AN4350 Datasheet HTML 5Page - STMicroelectronics AN4350 Datasheet HTML 6Page - STMicroelectronics AN4350 Datasheet HTML 7Page - STMicroelectronics AN4350 Datasheet HTML 8Page - STMicroelectronics AN4350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Features and specification
AN4350
4/34
DocID025181 Rev 1
1
Features and specification
The main features of the demonstration board are:
Output constant voltage (CV regulation)
High power factor - PF > 0.98
High efficiency - up to 88%
Primary side regulation - no optocoupler
Fully isolated output (flyback topology)
Tight output voltage regulation < ± 3%
Low total harmonic distortion - THD < 30%
Automatic self-supply (internal high voltage startup)
Minimum component count (internal Power MOSFET)
The main electrical specification requirements of the driver are summarized in the list:
Input voltage (VIN)
230 Vrms (200 - 265 Vac)
Output voltage (VOUT)
25 V
Output voltage ripple (
VOUTpk-pk)
< 3%
Maximum output current (IOUTMAX)
310 mA
Overcurrent protection (IOUTCC)
375 mA
Maximum output power (POUTMAX)
7.8 W
LED driver efficiency (
)
> 0.85%
Minimum switching frequency (FswMIN)
100 kHz
Reflected voltage (VR)
100 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com