Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PM0222 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części PM0222
Szczegółowy opis  Brain smart hub family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0222 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button PM0222 Datasheet HTML 6Page - STMicroelectronics PM0222 Datasheet HTML 7Page - STMicroelectronics PM0222 Datasheet HTML 8Page - STMicroelectronics PM0222 Datasheet HTML 9Page - STMicroelectronics PM0222 Datasheet HTML 10Page - STMicroelectronics PM0222 Datasheet HTML 11Page - STMicroelectronics PM0222 Datasheet HTML 12Page - STMicroelectronics PM0222 Datasheet HTML 13Page - STMicroelectronics PM0222 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Clock configurations
PM0222
10/33
DocID025476 Rev 1
3.2.3
Disabling the 80 MHz RC oscillator
When the 80 MHz RC oscillator is not used by the CPU or by any peripheral for a long time,
it is recommended to power it down by setting CRMU.CCR0.ANA_PD80M to 1.
When powering down the 80 MHz RC oscillator, the software must change the CPU clock to
another source (32 kHz or external) first (CRMU.CCR0.HS_OSC_SEL = 0b01 for example),
and then execute a second CRMU register access to power down the oscillator
(CRMU.CCR0.ANA_PD80M = 1).
When powering up the 80 MHz RC oscillator, the software can power up the oscillator
(CRMU.CCR0.ANA_PD80M = 0) and change the CPU clock to the 80 MHz RC oscillator
source at the same time (CRMU.CCR0.HS_OSC_SEL = 0b00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com