| Zakładka z wyszukiwarką danych komponentów |
|
AN437 Arkusz danych(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN437 Arkusz danych(HTML) 15 Page - STMicroelectronics |
|
15 / 18 page ![]() AN437 RLC series circuit step response explanation 15/18 Appendix A RLC series circuit step response explanation The RSCS snubber circuit and the load, L and R, make up a resonant circuit. The electrical circuit analyzed in this Appendix is shown in Figure 13 Figure 13. Application circuit and its equivalent diagram at turn-off commutation Note: In this Appendix the equations 1 to 6 are reproduced here with the same numbering to facilitate use of this application note. For a second order linear differential equation with a step function input, the voltage variation across the snubber capacitance (VCs(t)) and the TRIAC (VT(t)) is given by: Equation 1 Equation 2 With damping factor: Equation 3 Undamped natural resonance: Equation 4 V T I G G I T V Mains Load LR I T V T ≈ E Load LR R S C S R S C S Application circuit Equivalent diagram at turn-off commutation V Cs E ) t ( V dt ) t ( dV 2 dt ) t ( V d 1 Cs Cs 0 2 Cs 2 2 0 = + +· . · ω ξ ω ) t ( V dt ) t ( dV C R ) t ( V Cs Cs S S T + · · = ) H ( ) F ( S ) ( S L C 2 ) R R ( · Ω + = ξ ) F ( S ) H ( ) s / rad ( 0 C L 1 · = ω |