| Zakładka z wyszukiwarką danych komponentów |
|
AN437 Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN437 Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 18 page ![]() RLC series circuit step response explanation AN437 16/18 Final voltage value: Equation 5 Snubber circuit divider ratio: Equation 6 The voltage variation (VT(t)) across the TRIAC depends on the damping factor coefficient. For each damping factor, the initial conditions to solve the differential equation are the same: At t = 0 Equation 12 At t = Equation 13 Note: The recovery current due to the storage charge is not considered in the initial conditions. ● Underdamped oscillating circuit: 0 ≤ ξ ≤ 1 Equation 14 With damped natural resonance Equation 15 ● Damped oscillating circuit: ξ = 1 Equation 16 With damped natural resonance Equation 17 ) sin( V 2 E RMS ϕ · · = with 2 2 ) L ( R L ) sin( ω ω ϕ · + · = VRMS : mains rms voltage R R R M S S + = L R · E dt dV S 0 T = ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ ¥ E ) ( V T = ∞ t p p 0 p T 0 e ) t sin( )· 1 ) M 1 ·( 2 ( ) t cos( · E E ) t ( V · · - · · · . - - · - ω ξ ω ω ω ξ ω ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ + = 2 0 p 1 ξ ω ω− . = () t 0 T 0 e t )· 1 ) M 1 ·( 2 ( 1 · E E ) t ( V · - · · - - - ω ω + = 0 p ω ω = |