Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN590 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części AN590
Szczegółowy opis  PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN590 Arkusz danych(HTML) 6 Page - STMicroelectronics

  AN590 Datasheet HTML 1Page - STMicroelectronics AN590 Datasheet HTML 2Page - STMicroelectronics AN590 Datasheet HTML 3Page - STMicroelectronics AN590 Datasheet HTML 4Page - STMicroelectronics AN590 Datasheet HTML 5Page - STMicroelectronics AN590 Datasheet HTML 6Page - STMicroelectronics AN590 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
The length of the loop “adc_loop” is the interval at which the duty cycle of the PWM signal will
be updated. In this example, this loop lasts around 7
6µs, so the PWM duty cycle is updated
every 2 or 3 PWM cycles.
Calculation of the 8
0µs:
- Instructions ldi, ld and jp last 4 cycles of 13 clock periods -> 4 x 4 x 13 8MHz periods =
26µs
- Instruction jrr lasts as long as the A/D takes to do the conversion, which is around 50µs at
8MHz -> total length of adc_loop at 8 MHz = approx. 76µs
This last example shows that, as requested, the CPU is not used to generate the PWM signal,
but only to start/stop it and to update the duty cycle.



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com