Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN590 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części AN590
Szczegółowy opis  PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN590 Arkusz danych(HTML) 5 Page - STMicroelectronics

  AN590 Datasheet HTML 1Page - STMicroelectronics AN590 Datasheet HTML 2Page - STMicroelectronics AN590 Datasheet HTML 3Page - STMicroelectronics AN590 Datasheet HTML 4Page - STMicroelectronics AN590 Datasheet HTML 5Page - STMicroelectronics AN590 Datasheet HTML 6Page - STMicroelectronics AN590 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
Program example
A
.def 0FFh,0FFh,0FFh
;Accumulator
;************** Port Register Set ************************************
PA
.def 0C0h,0FFh,0FFh
;Data Register Port A
PADIR
.def 0C4h,0FFh,0FFh
;Data Direction Reg. Port A
PAOPT
.def 0CCh,0FFh,0FFh
;Option Register Port A
;**************** Timer Register Set *********************************
RC
.def 0D9h,0FFh,0FFh
;reload capture register
CP
.def 0DAh,0FFh,0FFh
;compare Register
MC
.def 0D5h,0FFh,0FFh
;mode control register
SC0
.def 0D6h,0FFh,0FFh
;status control register 0
SC1
.def 0D7h,0FFh,0FFh
;status control register 1
LR
.def 0DBh,0FFh,0FFh
;load register
;********************* ADC Register Set ******************************
ADCC
.def 0D1h,0FFh,0FFh
;adc control register
ADC
.def 0D0h,0FFh,0FFh
;adc result Register
;********************* MAIN *******************************************
;port A must be an IOP3 type (port with analog input mode):
ldi PADIR,000h
ldi PAOPT,001h
;PA0 is the analog input
ldi PA, 001h
;PA1..PA7 are input with pull-up
ldi SC1,00000000b
;PSC divides by 1
ldi CP,080h
;compare register = 128d
;(initial duty = 50%)
ldi RC,000h
;reload register = 0
;(count up from 0 to 255)
ldi MC,11100000b
;auto-reload mode,interrupt disabled
;PWMOUT enabled, start timer with
;duty cycle 50% at start-up
adc_loop
ldi ADCC,030h
;start A/D conversion
wt_eoc
jrr 6,ADCC,wt_eoc
;wait for end-of-conversion
ld A,ADC
;save result into Accumulator
ld CP,A
;copy it into CP register
jp adc_loop
;do it again



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com