Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN592 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN592
Szczegółowy opis  PLL generation using ST62 auto-reload timer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN592 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN592 Datasheet HTML 1Page - STMicroelectronics AN592 Datasheet HTML 2Page - STMicroelectronics AN592 Datasheet HTML 3Page - STMicroelectronics AN592 Datasheet HTML 4Page - STMicroelectronics AN592 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev 2
1/5
AN592
Application note
June 2008
PLL
generation using ST62 auto-reload timer
Figure 1. Auto-reload Timer Block Diagram
INTRODUCTION
This note describes how to generate a digital signal locked in phase and frequency (PLL) with a
calibrated delay starting from an active edge on the Auto-reload timer input pin.
Auto-reload timer description
This timer is an 8 bit timer/counter with prescaler. It includes auto-reload PWM, capture and
compare capability with one input and one output pins. It can be controlled by the following reg-
isters (8 bit):
- Mode Control Register (MC)
- Status registers (SC0, SC1)
- Load register (LR)
- Incremental counter register (TC)
- Compare register (CP)
- Reload/Capture register (RC)
It can also wake-up the MCU from wait mode and exit from stop mode if an external event is
present on the input pin. The prescaler ratio can be programmed to choose the timer input fre-
quency FIN (see Table 1).
Example:
The TIMIN input receives a 15 kHz digital signal. We want to generate a phase-locked 15 kHz
digital signal with a falling edge delayed 19
μs from the input rising edge, and a duty cycle of
75%. The CPU quartz frequency is 8 MHz.


Podobny numer części - AN592

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
AN590 STMICROELECTRONICS-AN590 Datasheet
122Kb / 7P
PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
AN591 STMICROELECTRONICS-AN591 Datasheet
58Kb / 5P
Input capture with ST62 auto-reload timer
04-Jul-2008
AN593 STMICROELECTRONICS-AN593 Datasheet
56Kb / 4P
ST62 in-circuit programming
13-Jun-2008
AN594 STMICROELECTRONICS-AN594 Datasheet
864Kb / 28P
This note describes a technique for driving
03-Oct-2008
logo
Dynex Semiconductor
AN5948 DYNEX-AN5948 Datasheet
833Kb / 11P
Reliability of High Power
More results

Podobny opis - AN592

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
Apr-1998
ST62T52C STMICROELECTRONICS-ST62T52C Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 3.0
ST6253C STMICROELECTRONICS-ST6253C Datasheet
1Mb / 83P
8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
27-Mar-2009
ST6255C STMICROELECTRONICS-ST6255C Datasheet
1Mb / 84P
8-bit MCUs with ADC, safe reset, auto-reload timer, EEPROM and SPI
31-Mar-2009
AN590 STMICROELECTRONICS-AN590 Datasheet
122Kb / 7P
PWM GENERATION WITH ST62 AUTO-RELOAD TIMER
AN591 STMICROELECTRONICS-AN591 Datasheet
58Kb / 5P
Input capture with ST62 auto-reload timer
04-Jul-2008
AN913 STMICROELECTRONICS-AN913 Datasheet
121Kb / 12P
PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com