Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN1296 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części AN1296
Szczegółowy opis  Ring wave tests with ACS108 driving valves and pumps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1296 Arkusz danych(HTML) 5 Page - STMicroelectronics

  AN1296 Datasheet HTML 1Page - STMicroelectronics AN1296 Datasheet HTML 2Page - STMicroelectronics AN1296 Datasheet HTML 3Page - STMicroelectronics AN1296 Datasheet HTML 4Page - STMicroelectronics AN1296 Datasheet HTML 5Page - STMicroelectronics AN1296 Datasheet HTML 6Page - STMicroelectronics AN1296 Datasheet HTML 7Page - STMicroelectronics AN1296 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN1296
Results
Doc ID 8159 Rev 3
5/8
1.3
Resistor rated at 5 W, 150
Ω
In order to check the good behavior of ACSs during a ring wave test, whatever the load is,
we have performed trials with a 150 Ohm resistor. This value is equivalent to the resistor of
a 120 V-10 W light bulb at cold state. The chosen resistors present a serial inductance lower
than 3.5 µH. So, as the device turns on in breakover mode, the current rate of increase is not
limited by the load. This case seems to be the worst one that can appear in practice for
ACS108 products (no inductive and low resistive load).
Figure 5 shows an oscillogram for a 6 kV surge. The current reaches up to 57 A, with a
130 A/µs slope. Sixty positive surges and sixty negative surges have been applied, as
required in the UL858A standard. Tested devices did not present variation of any
parameters after the trials.
Figure 5.
6 kV ring wave test with a 5 W, 150
Ω resistor
Vout (200 V/div)
Iout (12.5 A/div)



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com