Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN1812 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN1812
Szczegółowy opis  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 3Page - STMicroelectronics AN1812 Datasheet HTML 4Page - STMicroelectronics AN1812 Datasheet HTML 5Page - STMicroelectronics AN1812 Datasheet HTML 6Page - STMicroelectronics AN1812 Datasheet HTML 7Page - STMicroelectronics AN1812 Datasheet HTML 8Page - STMicroelectronics AN1812 Datasheet HTML 9Page - STMicroelectronics AN1812 Datasheet HTML 10Page - STMicroelectronics AN1812 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AN1812
4 Circuit analysis
7/34
4
Circuit analysis
In this analysis, it is assumed that there is no noise present and the i/p offset voltage of the op-
amp is negligible.
Now,
I = (V1 – Vin) / R= C * dVc / dt (where Vc = Vout – V1)
Where, current ‘I’ is constant for a given input. Applying the Laplace transform:
(V1 – Vin) / s * R = C * (s Vc(s) – Vc (0+))
or,
(V1 – Vin) / s
2 = (R * C) * ( V
c (s) - Vc(0+) / s)
Applying the inverse Laplace transform, we get
(V1 – Vin) * T = (R * C) * ( Vc(t) - Vc(0+) )
------------------- (1)
Now as shown in the Timing Diagram -
At T = T2;
Vc(T2)= V2 – V1
And, at T =T3;
Vc (T3)= V3 – V1
So,
(V1 – Vin) * T2 = (R * C) * (V2 – V1 - Vc(0+))
--------------- (2)
And,
(V1– Vin) * T3 = (R * C) * (V3 – V1 - Vc(0+))
--------------- (3)
Equation (2) and equation (3) can both be used as the characteristic equation for this converter,
but factors like Vc(0+) and other constant errors remain present. But if we use both
comparators, then we can remove these factors by subtracting equation (2) and equation (3).
Now after subtracting equation (2) from equation (1) and rearranging we get-
Vin = V1 - (R * C) *( V3 – V2 ) / (T3 –T2)
-------------- (4)
Let measured time T3 - T2 = Tm. So we get:
Vin = V1 - (R * C) * ( V3 – V2 ) / Tm
-------------- (5)
By using equation (5) we can measure the value of Vin depending on the value of T3 and T2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34