| Zakładka z wyszukiwarką danych komponentów |
|
AN1812 Arkusz danych(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1812 Arkusz danych(HTML) 29 Page - STMicroelectronics |
|
29 / 34 page ![]() AN1812 13 References and bibliography 29/34 Appendix C Bill of materials Table 3 gives the Bill of Material for each block of the schematics shown in Figure 24. Table 3. Bill of material Block Designator Part Type/ Number Description ADC R13 1E Resistor R10 10K Resistor U3 LM358 Dual Op-amp U4 LM358 Dual Op-amp C14 100uF Capacitor Q2 STB100NF03L N - MOSFET Q1 STB100NF03L N - MOSFET D3 IN4007 Diode Voltage References C8 100nF Capacitor C9 100nF Capacitor C10 100nF Capacitor C11 100nF Capacitor C7 100nF Capacitor C6 100nF Capacitor R6 2k2 Resistor R7 2k2 Resistor R5 3k3 Resistor R4 3k3 Resistor R2 3k5 Resistor R3 1k5 Resistor SCI U5 ST3232 Line Driver C18 1uF 16V Capacitor C19 1uF 16V Capacitor C20 1uF 16V Capacitor C21 1uF 16V Capacitor J5 jumper CON-2 J7 jumper CON-2 J6 jumper CON-2 C13 100nF Capacitor J8 DB9 9 pin connector |