Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2260 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN2260
Szczegółowy opis  STR73x SystemMemory Boot Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2260 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN2260 Datasheet HTML 1Page - STMicroelectronics AN2260 Datasheet HTML 2Page - STMicroelectronics AN2260 Datasheet HTML 3Page - STMicroelectronics AN2260 Datasheet HTML 4Page - STMicroelectronics AN2260 Datasheet HTML 5Page - STMicroelectronics AN2260 Datasheet HTML 6Page - STMicroelectronics AN2260 Datasheet HTML 7Page - STMicroelectronics AN2260 Datasheet HTML 8Page - STMicroelectronics AN2260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN2260
1 General description
3/10
1
General description
The STR73x is normally woken up in SystemMemory boot Mode when the Flash is still not
programmed in the manufacturing line environment. In this case the system boot is performed
from SystemMemory sector in the Flash bank0. This mode allows initializing the Flash
programming via a serial interface. The SystemMemory code is going to load a Flash
programming code (called “loader” from now on) into internal RAM via the UART0 serial
interface.
1.1
Entering SystemMemory boot mode
The STR73x enters the SystemMemory Boot Mode if the mode pins are configured with M0=0,
M1=1 as the hardware reset pin (RSTIN) transitions High at the end of a hardware reset. The
M1 signal is used to stretch the internal clock. M1 must be forced back to Low (0) after the
RSTIN pin has stabilized. Forcing M1 Low is required in order to enable propagation of the
system clock throughout the device.
As the M1 pin is forced Low the STR73x CPU begins executing the SystemMemory code which
resides in the SystemMemory Sector now mapped at address 0x00000000.
Note:
The normal Flash boot sector will not be available at address 0x00000000 until the
SystemMemory sector is re-mapped to 0x8010C000 by clearing the SMBM bit in the Flash
Control Register 0. The SystemMemory code does not perform this re-mapping operation.
Table 1.
STR73x device configuration in SystemMemory Boot Mode
1.2
Hardware requirements
The hardware required for putting the STR73x into SystemMemory boot mode would consist of
any circuitry, switch, or jumper capable of holding the M1 pin High during Reset, and then
forcing M1 Low after the reset is complete. For more details refer to the application note
STR73x Hardware Getting Started (AN2156), Boot Management section.
To connect to the STR73x during SystemMemory boot mode, a RS232 serial interface must be
directly linked to UART0 pins, for more details refer to the AN2156 document.
Feature/Peripheral
State
Comment
Instruction Set
THUMB
Save code space with 16-bit instructions
CPU Mode
Supervisor
Full access with IRQ/FIQs disabled
Input Clock
External Quartz
allow a Frequency in a range of 4 to 8MHz
CLK2
Div2 Enabled
-
PLL
Free running
MX=12
DX=2
System Clock in a range of 12 to 24MHz to enable
higher serial link baudrates
UART0_RX Pin
Input
UART0 receive
UART0_TX Pin
Default
Only configured for UART Boot
UART0 Registers
Default
Only configured for UART Boot



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com