Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2399 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN2399
Szczegółowy opis  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN2399 Datasheet HTML 3Page - STMicroelectronics AN2399 Datasheet HTML 4Page - STMicroelectronics AN2399 Datasheet HTML 5Page - STMicroelectronics AN2399 Datasheet HTML 6Page - STMicroelectronics AN2399 Datasheet HTML 7Page - STMicroelectronics AN2399 Datasheet HTML 8Page - STMicroelectronics AN2399 Datasheet HTML 9Page - STMicroelectronics AN2399 Datasheet HTML 10Page - STMicroelectronics AN2399 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AN2399
ST short-range contactless memories
7/22
5
ST short-range contactless memories
5.1
SR176
ST’s SR176 is an ISO14443 Type B device. It offers 176 bits of EEPROM organized in
eleven 16-bit blocks, a 64-bit UID and an 8-bit Chip_ID. Targeted markets are cost-sensitive
applications such as industrial identification, access control, and low-value tickets that do
not need to be modified more than a few times.
5.2
SRIX4K
ST’s SRIX4K includes 4096 bits of non-volatile memory organized in three areas: the first
area is an OTP (One Time Programmable) bit zone, in which bits can only be switched from
1 to 0; the second area provides two 32-bit binary down counters; and the last area which is
a non-volatile memory split into 32-bit blocks (9 blocks are lockable). The SRIX4K supports
France Telecom’s proprietary anti-clone function and anti-collision mechanism based on an
8-bit Chip_ID.
The SRI4K is based on the SRIX4K, excluding the support of France Telecom’s proprietary
anti-clone function.
5.3
SRIX512
The SRIX512 is a light version of the SRIX4K with 512 bits of non-volatile memory. All three
devices (SRIX4K, SRI4K, SRIX512) are designed for short-range applications such as
consumable products identification, anti-counterfeiting, or high-end ticketing solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com