Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2399 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2399
Szczegółowy opis  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2399 Datasheet HTML 1Page - STMicroelectronics AN2399 Datasheet HTML 2Page - STMicroelectronics AN2399 Datasheet HTML 3Page - STMicroelectronics AN2399 Datasheet HTML 4Page - STMicroelectronics AN2399 Datasheet HTML 5Page - STMicroelectronics AN2399 Datasheet HTML 6Page - STMicroelectronics AN2399 Datasheet HTML 7Page - STMicroelectronics AN2399 Datasheet HTML 8Page - STMicroelectronics AN2399 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Overview of radio frequency identification
AN2399
4/22
2
Overview of radio frequency identification
Countless business applications, from product manufacturing to end-customer sales, can
benefit from radio frequency identification (RFID). With RFID, logistics becomes more
effective, stock handling is easier, traceability is guaranteed, cloning and counterfeiting can
be avoided, antitheft protection is enabled, and warranty problems can be easily eliminated.
What is radio frequency identification (RFID)?
RFID technology uses radio communications to uniquely identify items, such as goods,
people, or animals. It enables automated collection of information on identified items
independently from their position, without the need of a direct optical link or human
intervention. RFID also liberates the user from harsh or dirty environment concerns that
restrict other automatic identification solutions such as barcodes. On top of that, RFID is
used as a bi-directional data carrier since it allows information attached to the item to be
written and updated on the fly.
What does a RFID system consist of?
An RFID system consists of several components including one or multiple contactless
memory tags (or transponders), attached to the items to be labeled, identified, and traced,
and handheld or fixed contactless read/write reader station units or coupling devices
exchanging data with the transponder(s) by means of RF signals.
Contactless memory tags
Contactless memory tags (transponders) are the backbone of the RFID system since
they contain data that allow the items to be identified. A contactless memory tag is made of
a non-volatile memory associated with a radio frequency communication block, performing
RF signal modulation, demodulation, power supply regulation, and an antenna. A
transponder can be read-only (ROM), one-time-programmable (OTP), or read/write
(EEPROM), and it can be embedded in various package formats (inlays, cards, etc.).
The reader
The reader (or reader station unit) is connected to an antenna that transmits and receives
the radio frequency signal from and to the transponder(s). The reader sends an RF signal to
the transponder’s antenna. This signal generates a voltage that is rectified and provides a
power source to the transponder. The power transfer from the reader to the transponder is
performed through an inductive coupling between the two coils in 125 kHz and 13.56 MHz
systems. For ultra-high frequencies (UHF), the electric field generated by the reader is used
to power the tag. In other words, the transponder does not need a dedicated power supply.
Passive and active tags
Two main families of transponders exist: Passive (battery-less) and Active. Adding a battery
can bring several advantages, such as improvement of the reading range or continuous
monitoring of temperature and pressure etc., but adds an extra cost. During the reader-
transponder communication, the RF signal generated by the reader is modulated according
to the data to be sent. In the transponder-reader direction, no modulation is applied on the
reader RF signal and the communication is done through load modulation in inductive
coupling systems. The reader interfaces with the RFID system control host through a serial
interface such as RS232, RS422/485, or USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com