| Zakładka z wyszukiwarką danych komponentów |
|
UPD6465CS Arkusz danych(PDF) 4 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6465CS Arkusz danych(HTML) 4 Page - NEC |
|
4 / 52 page ![]() µPD6464A,6465 4 PIN FUNCTIONS No. Symbol Pin Name 1 CLK Clock input 2 CS Chip select input 3 DATA Serial data input 4VDD Power supply 5 OSCOUT LC oscillation output 6 OSCIN LC oscillation input 7 PCL Power-ON clear 8 GND Ground 9 FSCI fSC signal input 10 FSCO Frequency error output 11 XOSO Quadruple oscillation output 12 XOSI Quadruple oscillation input 13 VC Character signal output 14 VBLK Blanking signal output 15 HSYO Horizontal synchronization signal output 16 VSYO Vertical synchronization signal output 17 CSYIN Composite synchronization signal input 18 N. C. Non connection 19 TEST Test pin 20 NRE Noise reduction constant append 21 VBSO Composite video signal output 22 SECAM SECAM subcarrier input 23 VCNT Video signal output level adjust- ment 24 VBSI Composite video signal input Function Inputs clock for data read. Data input to the DATA pin is read at the rising edge of the clock input to this pin. Serial transfer can be acknowledged by making this CS pin low. Inputs control data. Data is read in synchronization with the clock input to the CLK pin. Supplies power to the IC. These are input and output pins of an oscillator that generates dot clocks. Connect a coil and a capacitor to these pins for oscillation. Power-ON clear pin. Make this pin high on power application. It initializes the internal circuitry of the IC. Ground pin of the IC. In case of the ×4 multiplier, the color sub-carrier (fSC) is input to this pin. In case of the 4fSC Crystal oscillation, connect this pin to GND or VDD. The frequency error signal of the ×4 multiplier is output to this pin. In case of the 4fSC Crystal oscillation, this pin should be open. A quadruple oscillation LC for internal video signal generation is connected to these pins. A crystal oscillator can also be connected. Character signal output pin. Positive signal output. This pin outputs a blanking signal that cuts the video signal. It corresponds to the output of VC. Positive signal output. Outputs a horizontal synchronization signal separated from a composite synchronization signal. Outputs a vertical synchronization signal separated from a composite synchronization signal. A composite synchronization signal is input to this pin for synchronization signal separation. In case of the external signal mode, input the signal certainly. Input a positive synchronization signal. Non connection. Leave this pin open. Test mode select pin. Connect this pin to GND. Constant append pin for noise reduction. Outputs a composite video signal mixing a character signal. SECAM sub-carrier signal mixing pin. In cases of any system except for SECAM, this pin should be open. Adjusts the output level of the composite video signal and luminance signal. Inputs a composite video signal. Inputs a signal with the leading edge clamped, consisting of a negative synchronization signal and a positive video signal. |