| Zakładka z wyszukiwarką danych komponentów |
|
UPD6465CS Arkusz danych(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6465CS Arkusz danych(HTML) 7 Page - NEC |
|
7 / 52 page ![]() µPD6464A,6465 7 1. COMMANDS 1.1 Command Format Control commands are of variable length in 8-bit units and are input in serial. Three types of commands are available: 1-byte commands consisting of 8 bits of instruction and data in combination, 2-byte commands of 16 bits of instruction and data in combination, and a 2-byte contiguous command that can be abbreviated for input. Input command data from the MSB first. 1.2 Command List 1-byte commands Function D7 D6 D5 D4 D3 D2 D1 D0 Video RAM batch clear 00000000 Display control 0001 D0 LC BL1 BL0 Internal video signal color control 0010 R G B 0 Background control 00110 BS1 BS0 0 Internal/external mode control, crystal 01000 E/I 0 XOSC oscillation control Video signal method control 01001 N/P2 N/P1 N/P0 Oscillation method control 010100 Xfc 0 2-byte commands Function D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Display position control 100000 V4 V3 V2 V1 V0 H4 H3 H2 H1 H0 Write address control 1000100 AR3 AR2 AR1 AR0 AC4 AC3 AC2 AC1 AC0 Output level control 1001000 VPD 000001 VC1 VC0 Character size control 100110000 S0 00 AR3 AR2 AR1 AR0 Test mode Note 10110000 T7 T6 T5 T4 T3 T2 T1 T0 Note Must not be used. 2-byte contiguous command Function D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Display character 110000 BL 0 C7 C6 C5 C4 C3 C2 C1 C0 control Note Fixed to "0" ( µPD6464A) (MSB) (MSB) (MSB) Note |