Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2682 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN2682
Szczegółowy opis  This application note describes how to interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2682 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN2682 Datasheet HTML 3Page - STMicroelectronics AN2682 Datasheet HTML 4Page - STMicroelectronics AN2682 Datasheet HTML 5Page - STMicroelectronics AN2682 Datasheet HTML 6Page - STMicroelectronics AN2682 Datasheet HTML 7Page - STMicroelectronics AN2682 Datasheet HTML 8Page - STMicroelectronics AN2682 Datasheet HTML 9Page - STMicroelectronics AN2682 Datasheet HTML 10Page - STMicroelectronics AN2682 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN2682 - Application note
STR711 implementation example
7/15
3
STR711 implementation example
3.1
Hardware implemention
The CPLD and STR711 SPI connections are illustrated in Figure 7
Figure 7.
MAX3000A and STR711 SPI connections
TCLK
TDI
SCK
TDO
TMS
VCCIO
VCCIO
VCCINT
VCCINT
Gnd
Gnd
Gnd
Gnd
Gnd
R
E
Start
CLK
MISO
MOSI
SCLK
Conf
WSo
SDo
WSi
SDi
Gnd
32
7
38
13
15
35
3
23
10
17
22
30
36
42
44
1
43
2
4
5
6
8
9
11
12
14
16
3.3 V
MISO
MOSI
SCLK
P0.13
nSS
3
40
52
53
54
5
55
P0.12
OCMPA
I2S Audio device
Left in HiZ input state
Left in HiZ input state
1
2
3
4
5
6
7
8
9
10
TCLK
Gnd
TDO
Vcc
TMS
TDI
Gnd
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com