| Zakładka z wyszukiwarką danych komponentów |
|
AN2682 Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2682 Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 15 page ![]() AN2682 - Application note General description 3/15 1 General description 1.1 I2S protocol I2S (IC to IC Sound) is an audio data transfer standard using a three-line bus for serial and synchronous data transmission. Data are transmitted on the SD line (Serial Data) in Little Endian format (MSB first). Data length is not limited (usually 16/20/24/32/64 bits). Data are synchronized by the SCK (Serial Clock) rising or falling edge for the transmitter, and falling edge only for the receiver. Refer to Figure 1. Data represent stereo digital sound, so each sample contains two words, the right channel sample and the left channel sample. Instead of using two data channels, muxing is performed by transmitting each word in half a sampling period and that allows, by doubling the sampling rate, to transmit two words per period. A control signal WS (Word Select) is then used to determine if the word being sent is the right or the left one. This signal also determines the beginning and the end of the data: there is no need to fix the data length. Receiver and transmitter data lengths can therefore be different, as well as the right and left data lengths. WS is synchronized either on the rising or the falling edge of SCK and precedes the MSB by one SCK period in order to have enough time for storing and shifting operations. As in the SPI protocol, there must be a master and a slave. The master controls and provides the SCK clock and the WS signal, while the slave only sends or receives data. The master can be the receiver or the transmitter or a third element (Controller). Refer to Figure 2. Figure 1. I2S Philips protocol waveforms 16/32-bit MSB LSB MSB CK WS SD Left channel Right channel 16-bit or 32-bit Transmission Reception |
|
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |