| Zakładka z wyszukiwarką danych komponentów |
|
AN3057 Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3057 Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 15 page ![]() AN3057 RF - I²C arbitration mechanism description Doc ID 16239 Rev 4 7/15 Commands in the RF read command group are: ● Read Block, Fast Read Single Block, Read Multiple Blocks, Fast Read Multiple Blocks ● Get System Info ● Select ● Reset to Ready ● Get Multiple Block Security Status ● Initiate, Fast Initiate ● Inventory Initiated Write command group When decoding an RF write command, the M24LRxx is in the RF busy state from the SOF (start of frame) of the request frame until the EOF (end of frame) of the response frame. Write commands include a write cycle tW. The figure below shows the RF busy state of commands in the write group. Figure 5. RF write command busy state Commands in the RF write command group are: ● Write Block ● Write AFI, Lock AFI ● Write DSFID, Lock DSFID ● Write-sector Password, Lock-sector Password, Present-sector Password Stay Quiet command The Stay Quiet command is the only command defined as a single request frame (not followed by a response frame). The M24LRxx is in the RF busy state during the whole [SOF …. EOF] sequence as shown in the figure below. Figure 6. RF Stay Quiet command busy state Inventory command An Inventory command is used when several M24LRxx devices are inside the range of the same RF electromagnetic field. When the Inventory command scans 16 slots, the M24LRxx is in the RF busy state from the SOF (start of frame) of the request frame until the EOF (end of frame) of the response frame. Note: The addressed M24LRxx device might stay a long time in the RF busy state if it is decoded during the last (16th) time slot. SOF Request EOF RF busy ai17503 Response SOF EOF Write cycle tW SOF Request EOF RF busy ai17504 |
|
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |