Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3057 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN3057
Szczegółowy opis  How to manage simultaneous
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3057 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN3057 Datasheet HTML 6Page - STMicroelectronics AN3057 Datasheet HTML 7Page - STMicroelectronics AN3057 Datasheet HTML 8Page - STMicroelectronics AN3057 Datasheet HTML 9Page - STMicroelectronics AN3057 Datasheet HTML 10Page - STMicroelectronics AN3057 Datasheet HTML 11Page - STMicroelectronics AN3057 Datasheet HTML 12Page - STMicroelectronics AN3057 Datasheet HTML 13Page - STMicroelectronics AN3057 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Recommendations when developing the M24LRxx application software
AN3057
10/15
Doc ID 16239 Rev 4
Important
It is paramount to exactly carry out the I²C polling sequence described in Figure 8 in order to
keep the M24LRxx in a constant I²C busy state.
●
Right method: once the device select is acknowledged, the I²C command starts
executing until full completion, that is, until the transmission of the Stop condition which
ends the command (or at the end of the write cycle tW, for a write command).
●
Wrong method: looping on the device select until it is acknowledged, sending a Stop
condition and then initiating a new I²C command: this is inadequate as an RF request
might have been served between [Ack] and the new I²C command (time slot during
which the M24LRxx is not in the I²C busy state.
Note:
If the application is disturbed by too great a number of decoded RF commands, it might be
convenient that the I²C bus master prompts the application to stop RF requests so that the
I²C bus can access the M24LRxx.
3.1.2
I²C requests and RF time slots
Application software management
In most cases, the application fully controls the I²C bus. On the other hand, it cannot always
predict RF commands. To have a robust application, the M24LRxx should be fully controlled
through the I²C bus, that is, the application master has to:
1.
determine when the I²C commands have to be transmitted
2.
determine the time slots during which RF transfers may be processed
The reason for this is that RF commands might not be properly transmitted (for example, if
the M24LRxx leaves the RF field). The I²C bus Master has to prevent this from happening by
applying the following rules:
●
The Master determines when the I²C commands have to be transmitted
The Master delivers the supply voltage (through one of its I/Os) to the M24LRxx’s VCC
pin only when an I²C data transfer is under way
●
The Master determines the RF time slots
The Master stops supplying (I/O in Hi-Z) the M24LRxx through its VCC pin upon
completion of the I²C data transfer. RF transfers are processed more safely when the
VCC pin is not supplied, because:
–
If the decoded RF command is correct, it is executed (no need to supply power
through the VCC pin)
–
If the RF command is truncated (M24LRxx is outside the RF field), the M24LRxx is
reset (Power-off state, see Figure 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com