Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3375 Arkusz danych(PDF) 68 Page - STMicroelectronics

Numer części AN3375
Szczegółowy opis  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Arkusz danych(HTML) 68 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 64Page - STMicroelectronics AN3375 Datasheet HTML 65Page - STMicroelectronics AN3375 Datasheet HTML 66Page - STMicroelectronics AN3375 Datasheet HTML 67Page - STMicroelectronics AN3375 Datasheet HTML 68Page - STMicroelectronics AN3375 Datasheet HTML 69Page - STMicroelectronics AN3375 Datasheet HTML 70Page - STMicroelectronics AN3375 Datasheet HTML 71Page - STMicroelectronics AN3375 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
Project example
AN3375
68/73
Doc ID 018637 Rev 1
5
Project example
In this example, the ISO15693 protocol is selected and the CR95HF device performs an
inventory of a single tag.
5.1
Project description
5.1.1
Hardware
The project runs on an STM3210B-EVAL evaluation board.
5.1.2
Keil µvision
Keil µvision is a full-featured development environment. It includes a C compiler for STM32
microcontroller family. Keil µvision software is available from http://www.keil.com. An
evaluation version is available free of charge for projects which do not exceed 32 Kbytes.
5.1.3
Project structure on Keil µvision
Figure 5 shows an example of project:
1.
Prior to starting your project, download the STM32F10x_StdPeriph_Lib_V3.4.0 library
from http://www.st.com. It allows to drive all the peripherals used by your application.
2.
Install the library (lib_CR95HF.c, lib_M24LRxx.c, and lib_iso15693.c). It includes the
three layers described in this application note.
3.
An additional lib_fonts.c file can be delivered on request to drive the LCD display
available on STM3210B-EVAL board.
4.
Other dedicated peripheral drivers can be provided on request to control the UART, the
LCD, LEDs, the SPI, and the CR95HF.
For the complete project, contact your local ST sales offices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73