| Zakładka z wyszukiwarką danych komponentów |
|
AN3375 Arkusz danych(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 Arkusz danych(HTML) 23 Page - STMicroelectronics |
|
23 / 73 page ![]() AN3375 ISO15693 library (intermediate layer) Doc ID 018637 Rev 1 23/73 ISO15693_ReadSingleBlock Send a read single block command ISO15693_WriteSingleBlock Send a write single block command ISO15693_LockSingleBlock Send a lock single block command ISO15693_ReadMultipleBlocks Send a read multiple block command ISO15693_Select Send a select command ISO15693_ResetToReady Send a reset to ready command ISO15693_WriteAFI Send a write AFI command ISO15693_LockAFI Send a lock AFI command ISO15693_WriteDSFID Send a write DSFID command ISO15693_LockDSFID Send a lock DSFID command ISO15693_GetMultipleBlockSecutityStatus Send a Get multiple block security status command ISO15693_StayQuiet Send a stay quiet command ISO15693_GetSystemInfo Send a get system info command ISO15693_SendEOF Send an EOF pulse Advanced functions ISO15693_SelectProtocol Sends a select protocol ISO15693_GetUID Returns UID of a tag ISO15693_GetDSFID Returns DSFID field of a tag ISO15693_GetAFI Returns AFI field of a tag ISO15693_GetMemSizeInfo Returns memory size information of a tag ISO15693_GetIcRef Returns IC reference of a tag ISO15693_IsPresent Checks is a ISO15693 contactless tag is in RF field ISO15693_IsCollisionDetected Returns RESULTOK is collision was detected ISO15693_IsATagInTheField Returns RESULTOK is a contactless tag is in RF field ISO15693_IsTagErrorCode Returns RESULTOK if the error flag is set to ‘1’ Get flag functions from request flag byte ISO15693_GetSubCarrierFlag Returns subcarrier flag from request flags ISO15693_GetDataRateFlag Returns data rate flag from request flags ISO15693_GetInventoryFlag Returns inventory flag from request flags ISO15693_IsInventoryFlag Returns RESULTOK if Inventory flag is set ISO15693_GetProtocolExtensionFlag Returns Protocol extension flag from request flags ISO15693_GetSelectOrAFIFlag Returns Select or AFI flag from request flags Table 21. ISO15693 functions (continued) Function name Brief description |