| Zakładka z wyszukiwarką danych komponentów |
|
PM0044 Arkusz danych(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Arkusz danych(HTML) 115 Page - STMicroelectronics |
|
115 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 115/162 LD detailed description (Continued) See also: LDW, LDF, CLR dst src Asm cy lgth Op-code(s) ST7 shortmem A LD $50,A 1 2 B7 XX ✗ longmem A LD $5000,A 1 3 C7 MS LS ✗ (X) A LD (X),A 1 1 F7 ✗ (shortoff,X) A LD ($50,X),A 1 2 E7 XX ✗ (longoff,X) A LD ($5000,X),A 1 3 D7 MS LS ✗ (Y) A LD (Y),A 1 2 90 F7 ✗ (shortoff,Y) A LD ($50,Y),A 1 3 90 E7 XX ✗ (longoff,Y) A LD ($5000,Y),A 1 4 90 D7 MS LS ✗ (shortoff,SP) A LD ($50,SP),A 1 2 6B XX [shortptr.w] A LD [$50.w],A 4 3 92 C7 XX ✗ [longptr.w] A LD [$5000.w],A 4 4 72 C7 MS LS ([shortptr.w], X) A LD ([$50.w],X),A 4 3 92 D7 XX ✗ ([longptr.w],X) A LD ([$5000.w],X),A 4 4 72 D7 MS LS ([shortptr.w], Y) A LD ([$50.w],Y),A 4 3 91 D7 XX ✗ dst src Asm cy lgth Op-code(s) ST7 XL A LD XL,A 1 1 97 ✗ A XL LD A,XL 1 1 9F ✗ YL A LD YL,A 1 2 90 97 ✗ A YL LD A,YL 1 2 90 9F ✗ XH A LD XH,A 1 1 95 A XH LD A,XH 1 1 9E YH A LD YH,A 1 2 90 95 A YH LD A,YH 1 2 90 9E |