| Zakładka z wyszukiwarką danych komponentów |
|
PM0044 Arkusz danych(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Arkusz danych(HTML) 117 Page - STMicroelectronics |
|
117 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 117/162 Syntax LDW dst,src e.g. LDW X,#$1500 Operation dst <= src Description Load the destination word (16-bit value) with the source word. The dst and src can be a 16-bit register (X, Y or SP) or a memory/data 16-bit value. Instruction overview N ⇒ R15 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x0000), cleared otherwise. Detailed description LDW Load word LDW mnem dst src Affected condition flags VI1 H I0 N Z C LD Reg Mem - - - - N Z - LD Mem Reg - - - - N Z - LD Reg Reg -- ----- LD SP Reg -- ----- LD Reg SP -- ----- dst src Asm cy lgth Op-code(s) ST7 X #word LDW X,#$55AA 2 3 AE MS LS ✗ X shortmem LDW X,$50 2 2 BE XX ✗ X longmem LDW X,$5000 2 3 CE MS LS ✗ X (X) LDW X,(X) 2 1 FE ✗ X (shortoff,X) LDW X,($50,X) 2 2 EE XX ✗ X (longoff,X) LDW X,($5000,X) 2 3 DE MS LS ✗ X (shortoff,SP) LDW X,($50,SP) 2 2 1E XX X [shortptr.w] LDW X,[$50.w] 5 3 92 CE XX ✗ X [longptr.w] LDW X,[$5000.w] 5 4 72 CE MS LS X ([shortptr.w],X) LDW X,([$50.w],X) 5 3 92 DE XX ✗ X ([longptr.w],X) LDW X,([$5000.w],X) 54 72 DE MS LS dst src Asm cy lgth Op-code(s) ST7 shortmem X LDW $50,X 2 2 BF XX ✗ longmem X LDW $5000,X 2 3 CF MS LS ✗ (X) Y LDW (X),Y 2 1 FF (shortoff,X) Y LDW ($50,X),Y 2 2 EF XX (longoff,X) Y LDW ($5000,X),Y 2 3 DF MS LS |