| Zakładka z wyszukiwarką danych komponentów |
|
PM0044 Arkusz danych(PDF) 147 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Arkusz danych(HTML) 147 Page - STMicroelectronics |
|
147 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 147/162 Syntax SRA dst e.g. SRA (X) Operation Description The destination is either a memory byte or a register. It performs an signed division by 2: The sign bit 7 is not modified.This instruction is compact, and does not affect any register when used with RAM variables. Instruction overview N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ b0 Set if, before the shift, the LSB of register or memory was set, cleared otherwise. Detailed description See also: SRAW, SRL, SLL, RRC, RLC, SWAP SRA Shift Right Arithmetic SRA mnem dst Affected condition flags VI1 H I0 N Z C SRA Reg -- -- N Z bit0 SRA Mem -- -- N Z bit0 dst Asm cy lgth Op-code(s) ST7 ASRA A 1 1 47 ✗ shortmem SRA $15 1 2 37 XX ✗ longmem SRA $1505 1 4 72 57 MS LS (X) SRA (X) 1 1 77 ✗ (shortoff,X) SRA ($15,X) 1 2 67 XX ✗ (longoff,X) SRA ($1505,X) 1 4 72 47 MS LS (Y) SRA (Y) 1 2 90 77 ✗ (shortoff,Y) SRA ($15,Y) 1 3 90 67 XX ✗ (longoff,Y) SRA ($1505,Y) 1 4 90 47 MS LS (shortoff,SP) SRA ($15,SP) 1 2 07 XX ✗ [shortptr.w] SRA [$15] 4 3 92 37 XX ✗ [longptr.w] SRA [$1505].w 4 4 72 37 MS LS ([shortptr.w],X) SRA ([$15],X) 4 3 92 67 XX ✗ ([longptr.w],X) SRA ([$1505.w],X) 4 4 72 67 MS LS ([shortptr.w],Y) SRA ([$15],Y) 4 3 91 67 XX ✗ b7 b7 b0 C |