| Zakładka z wyszukiwarką danych komponentów |
|
PM0044 Arkusz danych(PDF) 149 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Arkusz danych(HTML) 149 Page - STMicroelectronics |
|
149 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 149/162 Syntax SRL dst e.g. SRL (X) Operation Description The destination is either a memory byte or a register.It perform an unsigned division by 2.This instruction is compact, and does not affect any register when used with RAM variables. Instruction overview N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ b0 Set if, before the shift, the LSB of register or memory was set, cleared otherwise. Detailed description See also: RLC, RRC, SRA, SWAP, SLL, SRLW SRL Shift Right Logical SRL mnem dst Affected condition flags VI1 H I0 N Z C SRL Reg -- -- N Z bit0 SRL Mem -- -- N Z bit0 dst Asm cy lgth Op-code(s) ST7 ASRL A 1 1 44 ✗ shortmem SRL $15 1 2 34 XX ✗ longmem SRL $1505 1 4 72 54 MS LS (X) SRL (X) 1 1 74 ✗ (shortoff,X) SRLL ($15,X) 1 2 64 XX ✗ (longoff,X) SRL ($1505,X) 1 4 72 44 MS LS (Y) SRL (Y) 1 2 90 74 ✗ (shortoff,Y) SRL ($15,Y) 1 3 90 64 XX ✗ (longoff,Y) SRL ($1505,Y) 1 4 90 44 MS LS (shortoff,SP) SRL ($15,SP) 1 2 04 XX ✗ [shortptr.w] SRL [$15] 4 3 92 34 XX ✗ [longptr.w] SRL [$1505].w 4 4 72 34 MS LS ([shortptr.w],X) SRL ([$15],X) 4 3 92 64 XX ✗ ([longptr.w],X) SRL ([$1505.w],X) 4 4 72 64 MS LS ([shortptr.w],Y) SRL ([$15],Y) 4 3 91 64 XX ✗ 0b7 b0 C |