Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PM0214 Arkusz danych(PDF) 142 Page - STMicroelectronics

Numer części PM0214
Szczegółowy opis  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Arkusz danych(HTML) 142 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 138Page - STMicroelectronics PM0214 Datasheet HTML 139Page - STMicroelectronics PM0214 Datasheet HTML 140Page - STMicroelectronics PM0214 Datasheet HTML 141Page - STMicroelectronics PM0214 Datasheet HTML 142Page - STMicroelectronics PM0214 Datasheet HTML 143Page - STMicroelectronics PM0214 Datasheet HTML 144Page - STMicroelectronics PM0214 Datasheet HTML 145Page - STMicroelectronics PM0214 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
142/245
DocID022708 Rev 4
Restrictions
The restrictions are:
•
Do not use PC in the BLX instruction
•
For BX and BLX, bit[0] of Rm must be 1 for correct execution but a branch occurs to the
target address created by changing bit[0] to 0
•
When any of these instructions is inside an IT block, it must be the last instruction of the
IT block.
Bcond is the only conditional instruction that is not required to be inside an IT block.
However, it has a longer branch range when it is inside an IT block.
Condition flags
These instructions do not change the flags.
Examples
B
loopA
; Branch to loopA
BLE
ng
; Conditionally branch to label ng
B.W
target ; Branch to target within 16MB range
BEQ
target ; Conditionally branch to target
BEQ.W
target ; Conditionally branch to target within 1MB
BL
funC
; Branch with link (Call) to function funC, return address
; stored in LR
BX
LR
; Return from function call
BXNE
R0
; Conditionally branch to address stored in R0
BLX
R0
; Branch with link and exchange (Call) to a address stored
; in R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More