Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0592 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części UM0592
Szczegółowy opis  This document explains the use of the HDD extension demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0592 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button UM0592 Datasheet HTML 3Page - STMicroelectronics UM0592 Datasheet HTML 4Page - STMicroelectronics UM0592 Datasheet HTML 5Page - STMicroelectronics UM0592 Datasheet HTML 6Page - STMicroelectronics UM0592 Datasheet HTML 7Page - STMicroelectronics UM0592 Datasheet HTML 8Page - STMicroelectronics UM0592 Datasheet HTML 9Page - STMicroelectronics UM0592 Datasheet HTML 10Page - STMicroelectronics UM0592 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
UM0592
Getting started
Doc ID 15036 Rev 1
7/22
1.4.2
USB
The EVAL-STR910 demonstration board supports USB 2.0 compliant full-speed
communication via a USB type-B connector (CN3). The ESD protection device U6
(USBLC6-2P6) is connected between CN3 and the microcontroller. The USBLC6-2P6 is a
monolithic application-specific device dedicated to ESD protection of high-speed interfaces
such as USB 2.0, Ethernet links and video lines. Two clock sources are available for the
USB:
●
PLL generated clock from the STR91xF
●
External oscillator U12
●
Clock source is selected by setting JP17.
1.4.3
Selection
Table 2.
Clock source setting
Jumper
Description
JP17
Enables the external USB 48 MHz clock source.
To use an external oscillator via P27 of the STR91xF for the USB clock
input, JP17 is fitted.
To use the internal clock of the STR91xF, JP17 is not fitted
Default setting: not fitted
JP9
Fit the jumper between pin 1 and 2 of JP9. 1.5 k
Ω resistors pull-up
controlled by this jumper.
Table 3.
Jumper selection
Jumper
Description
J7
HDD_DMACK signal is used by the host in response to DMARQ to initiate DMA
transfer. For PIO mode transfer this signal is not used.
– Current version does not support the DMA mode transfer.
J11
– 1:2 to select P76 as HDD_CS1, fit jumper into pin 1 and 2 of J11
– 2:3 to select P55 as HDD_CS1, fit jumper into pin 2 and 3 of J11. Current
version does not support the DMA mode transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com