| Zakładka z wyszukiwarką danych komponentów |
|
UM0592 Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0592 Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 22 page ![]() UM0592 Connector details Doc ID 15036 Rev 1 13/22 23 EMI_ALE None Open 25 P54 SPI Flash To select P54 as HDD_CS0 fit jumper into pin 2 & 3 of J12 27 P37 Motor control Open 29 P00 Ethernet Open 31 P35 UART3 TX P35 of EVAL board connected to IORDY of HDD 33 P34 UART1 TX P34 of EVAL board connected to INTRQ of HDD 35 P33 UART1 RTS UART2 TX Open 37 P31 UART3 RX Open 39 GND None - 41 P27 ETM trace USB clock Open 43 P94 LCD P94 of EVAL board connected to Data12 of HDD 45 P92 LED2 P92 of EVAL board connected to Data10 of HDD 47 P90 LED0 P90 of EVAL board connected to Data8 of HDD 49 P25 ETM trace motor control Open 2 P13 Ethernet Open 4 RESET_OUT None Open 6 P10 Ethernet Open 8 P66 ETM trace motor control Open 10 GND None - 12 P07 Ethernet Open 14 P06 Ethernet Open 16 P65 Motor control Open 18 P57 SPI Flash Open 20 P04 Ethernet Open 22 P55 SPI Flash To select P55 as HDD_CS1 fit jumper into pin 2 & 3 of J11 24 EMI_RD None EMI_RD of EVAL board connected to RD strobe of HDD 26 P02 Ethernet Open 28 P01 Motor control Open 30 GND None - Table 7. Daughterboard extension connector (CN6) (continued) Pin Description Alternate function Interface with extension card |