Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4103 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części AN4103
Szczegółowy opis  Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4103 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button AN4103 Datasheet HTML 2Page - STMicroelectronics AN4103 Datasheet HTML 3Page - STMicroelectronics AN4103 Datasheet HTML 4Page - STMicroelectronics AN4103 Datasheet HTML 5Page - STMicroelectronics AN4103 Datasheet HTML 6Page - STMicroelectronics AN4103 Datasheet HTML 7Page - STMicroelectronics AN4103 Datasheet HTML 8Page - STMicroelectronics AN4103 Datasheet HTML 9Page - STMicroelectronics AN4103 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Transmitter parameters
AN4103
6/20
Doc ID 023130 Rev 1
2
Transmitter parameters
All the measurements given in the following sections have been measured under these
conditions: Tc = 25 °C, VDD = 3.0 V, f = 169.400 MHz.
The measurements concerning adjacent channel power, modulation bandwidth and
unwanted emissions in the spurious domain are given in the following sections. These
measurements have been taken according to EN 300 220 v1 [2] paragraphs 7.6, 7.7 and
7.8.
2.1
Adjacent channel power
The adjacent channel power (ACP) is defined as the amount of the modulated RF signal
power which falls within a given adjacent channel. This power is the sum of the mean power
produced by the modulation, hum and noise of the transmitter. These measurements are
applicable to narrowband systems (eg. applications or equipment) used in a non-
channelized continuous frequency band with a channel bandwidth less than or equal to
25 kHz, or systems used in a channelized frequency band with a channel spacing less than
or equal to 25 kHz.
This test measures the power transmitted in the adjacent channel during continuous
modulation. The ACP is measured with a spectrum analyzer which conforms to the
requirements given in EN 300 220-1 v2.3.1 (2010-02) [2] annex C.
In this application note the ACP measured with 12.5 kHz channel spacing is investigated.
For this measurement the integrated bandwidth of the adjacent channel is 8.5 kHz and the
ETSI limit for the ACP is 10 µW (-20 dBm).
Figure 4 and Figure 5 illustrate the measured ACP at the center frequency of 169.4 MHz.
The data rate is set to 2.4 kbps, the frequency deviation is set to 2.4 kHz, the modulation is
set to Gaussian FSK (GFSK) with a BT = 0.5 in Figure 4. The data rate is set to 4.8 kbps,
the frequency deviation is set to 1.2 kHz, the modulation is set to Gaussian FSK (GFSK)
with a BT = 0.5 in Figure 5. These modulation settings are extracted from the CEN/TC 294
prEN 13757-4:2011.10 draft version, "communication systems for meters and remote
reading of meters - Part 4: wireless meter readout (radio meter reading for operation in SRD
bands) [4]. This document describes the characteristics of the W-MBUS mode-N standard
for radio metering.
The output power integrated around the carrier is 11 dBm in the 8.5 kHz bandwidth and with
average detection. With this power the ACP is -39 dBm in the first case and -45 dBm in the
second case. The two measured values are well below the ETSI limit of -20 dBm.
SPIRIT1 is fully compliant with the ETSI transmitter adjacent channel power requirements
by a large margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com