Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4103 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN4103
Szczegółowy opis  Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4103 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN4103 Datasheet HTML 1Page - STMicroelectronics AN4103 Datasheet HTML 2Page - STMicroelectronics AN4103 Datasheet HTML 3Page - STMicroelectronics AN4103 Datasheet HTML 4Page - STMicroelectronics AN4103 Datasheet HTML 5Page - STMicroelectronics AN4103 Datasheet HTML 6Page - STMicroelectronics AN4103 Datasheet HTML 7Page - STMicroelectronics AN4103 Datasheet HTML 8Page - STMicroelectronics AN4103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
May 2013
Doc ID 023130 Rev 1
1/20
AN4103
Application note
Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
By Placido De Vita
Introduction
SPIRIT1 is a very low power RF transceiver, intended for RF wireless applications in the
sub-1 GHz band. It is designed to operate both in the license-free ISM and SRD frequency
bands at 169, 315, 433, 868 and 915 MHz.
This application note outlines the expected performance when using SPIRIT1 under EN 300
220-1 (v2.3.1, 2012-02) [2] in the 169.400 - 169.475 MHz band, meter reading and tracking
and tracing applications. The maximum allowed output power in this sub-band is +27 dBm
(500 mW), but this application note focuses on applications having output power of +10
dBm (10 mW).
For details on the regulatory limits in the 169.400 - 169.475 MHz SRD frequency bands,
please refer to ETSI EN 300 220-1 v2.3.1 [2] and ERC Recommendation 70-03 [3]. These
documents can be downloaded from www.etsi.org and www.ero.dk.
www.st.com


Podobny numer części - AN4103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
AN4101 STMICROELECTRONICS-AN4101 Datasheet
188Kb / 21P
LIN communication with STM8A-DISCOVERY
03-Dec-2012
AN4102 STMICROELECTRONICS-AN4102 Datasheet
174Kb / 16P
Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
21-Dec-2012
AN4104 STMICROELECTRONICS-AN4104 Datasheet
96Kb / 13P
Using the STM32F0xx DMA controller
02-May-2012
logo
Fairchild Semiconductor
AN4105 FAIRCHILD-AN4105 Datasheet
368Kb / 22P
Design Considerations for Switched Mode Power Supplies Using A Fairchild Power Switch (FPS) in a Flyback Converter
logo
STMicroelectronics
AN4106 STMICROELECTRONICS-AN4106 Datasheet
3Mb / 39P
This document describes a 12 V-1 A power supply
16-Oct-2012
More results

Podobny opis - AN4103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-IKR001V1 STMICROELECTRONICS-STEVAL-IKR001V1 Datasheet
246Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (169 MHz band)
01-Aug-2012
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
AN4378 STMICROELECTRONICS-AN4378 Datasheet
2Mb / 19P
Using the BlueNRG transceiver under FCC title 47 part 15
29-Jan-2014
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
11-Jul-2012
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
01-Oct-2012
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
12-Jul-2012
AN4147 STMICROELECTRONICS-AN4147 Datasheet
836Kb / 14P
Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
06-Aug-2012
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
06-Aug-2012
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
31-Oct-2012
AN4271 STMICROELECTRONICS-AN4271 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
24-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com