Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LT1013 Arkusz danych(PDF) 2 Page - Linear Technology

Numer części LT1013
Szczegółowy opis  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LT1013 Arkusz danych(HTML) 2 Page - Linear Technology

  LT1013 Datasheet HTML 1Page - Linear Technology LT1013 Datasheet HTML 2Page - Linear Technology LT1013 Datasheet HTML 3Page - Linear Technology LT1013 Datasheet HTML 4Page - Linear Technology LT1013 Datasheet HTML 5Page - Linear Technology LT1013 Datasheet HTML 6Page - Linear Technology LT1013 Datasheet HTML 7Page - Linear Technology LT1013 Datasheet HTML 8Page - Linear Technology LT1013 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1013/LT1014
Supply Voltage ......................................................
±22V
Differential Input Voltage .......................................
±30V
Input Voltage ............... Equal to Positive Supply Voltage
............5V Below Negative Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range
All Grades ......................................... – 65
°C to 150°C
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (Soldering, 10 sec.) ................. 300
°C
Operating Temperature Range
LT1013AM/LT1013M/
LT1014AM/LT1014M ...................... – 55
°C to 125°C
LT1013AC/LT1013C/LT1013D
LT1014AC/LT1014C/LT1014D ................. 0
°C to 70°C
LT1013I/ LT1014I ............................... – 40
°C to 85°C
LT1013AM/AC
LT1013C/D/I/M
SYMBOL
PARAMETER
CONDITIONS
LT1014AM/AC
LT1014C/D/I/M
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1013
40
150
60
300
µV
LT1014
50
180
60
300
µV
LT1013D/I, LT1014D/I
200
800
µV
Long Term Input Offset Voltage
0.4
0.5
µV/Mo.
Stability
ISO
Input Offset Current
0.15
0.8
0.2
1.5
nA
IB
Input Bias Current
12
20
15
30
nA
en
Input Noise Voltage
0.1Hz to 10Hz
0.55
0.55
µVp-p
en
Input Noise Voltage Density
fO = 10Hz
24
24
nV/
√Hz
fO = 1000Hz
22
22
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz
0.07
0.07
pA/
√Hz
PACKAGE/ORDER INFORMATION
LT1014AMJ
LT1014MJ
LT1014ACJ
LT1014CJ
LT1014ACN
LT1014CN
LT1014DN
LT1014IN
ORDER PART
NUMBER
LT1013AMH
LT1013MH
LT1013ACH
LT1013CH
ORDER PART
NUMBER
LT1013AMJ8
LT1013MJ8
LT1013ACJ8
LT1013CJ8
LT1013ACN8
LT1013CN8
LT1013DN8
LT1013IN8
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1013DS8
LT1013IS8
PART MARKING
1013
1013I
ORDER PART
NUMBER
LT1014DS
LT1014IS
PART MARKING
LT1014DS
LT1014IS
ELECTRICAL CHARACTERISTICS V
S = ±15V, VCM = 0V, TA = 25°C unless otherwise noted
1
2
3
4
8
7
6
5
TOP VIEW
OUTPUT A
–IN A
+IN A
V
V +
OUTPUT B
–IN B
+IN B
J PACKAGE
8-LEAD CERAMIC DIP
N PACKAGE
8-LEAD PLASTIC DIP
A
B
+
B
TOP VIEW
OUTPUT B
V+
OUTPUT A
–IN A
–IN B
+IN B
+IN A
V(CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
+
A
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE
14-LEAD CERAMIC DIP
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
OUTPUT A
–IN A
+IN A
V +
+IN B
–IN B
OUTPUT B
OUTPUT D
–IN D
+IN D
V
+IN C
–IN C
OUTPUT C
A
D
+
B
+
C
1
2
3
4
8
7
6
5
TOP VIEW
–INA
OUTA
V+
OUTB
+INA
V
+INB
–INB
SO PACKAGE
8-LEAD PLASTIC SOIC
+
NOTE: THIS PIN CONFIGURATION DIFFERS FROM
THE STANDARD 8-PIN DUAL-IN-LINE CONFIGURATION
1
2
3
4
5
6
7
8
TOP VIEW
SO PACKAGE
16-LEAD PLASTIC SOIC
16
15
14
13
12
11
10
9
OUTPUT A
–IN A
+IN A
V+
+IN B
–IN B
OUTPUT B
NC
OUTPUT D
–IN D
+IN D
V
+IN C
–IN C
OUTPUT C
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20