| Zakładka z wyszukiwarką danych komponentów |
|
LT1013 Arkusz danych(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1013 Arkusz danych(HTML) 7 Page - Linear Technology |
|
7 / 20 page ![]() 7 LT1013/LT1014 TYPICAL PERFORMANCE CHARACTERISTICS Voltage Gain vs Frequency FREQUENCY (Hz) 0.01 0.1 1M 10M 110 100 1k 10k 100k 140 120 100 80 60 40 20 0 –20 VS = ±15V VS = 5V, 0V TA = 25°C CL = 100pF LOAD RESISTANCE TO GROUND ( Ω) 100 100k 1M 10M 1k 10k VO = 20mV TO 3.5V WITH VS = 5V, 0V TA = 25°C, VS = ±15V TA = –55°C, VS = ±15V TA = 125°C, VS = ±15V TA = –55°C, VS = 5V, 0V TA = 25°C, VS = 5V, 0V TA = 125°C, VS = 5V, 0V VO = ±10V WITH VS = ±15V Output Short Circuit Current vs Time TIME FROM OUTPUT SHORT TO GROUND (MINUTES) 0 1 2 40 30 20 10 0 –10 –20 –30 –40 3 –55 °C 25 °C 25 °C 125 °C 125 °C –55 °C VS = ±15V Voltage Gain vs Load Resistance APPLICATIONS INFORMATION Single Supply Operation The LT1013/1014 are fully specified for single supply operation, i.e., when the negative supply is 0V. Input common-mode range includes ground; the output swings within a few millivolts of ground. Single supply operation, however, can create special difficulties, both at the input and at the output. The LT1013/LT1014 have specific circuitry which addresses these problems. At the input, the driving signal can fall below 0V— inad- vertently or on a transient basis. If the input is more than a few hundred millivolts below ground, two distinct prob- lems can occur on previous single supply designs, such as the LM124, LM158, OP-20, OP-21, OP-220, OP-221, OP- 420: a) When the input is more than a diode drop below ground, unlimited current will flow from the substrate (V – termi- nal) to the input. This can destroy the unit. On the LT1013/ 1014, the 400 Ω resistors, in series with the input (see schematic diagram), protect the devices even when the input is 5V below ground. Gain, Phase vs Frequency FREQUENCY (MHz) 0.1 0.3 20 10 0 –10 80 100 120 140 160 180 200 13 10 TA = 25°C VCM = 0V CL = 100pF PHASE ±15V 5V, 0V ±15V 5V, 0V GAIN Channel Separation vs Frequency FREQUENCY (Hz) 10 160 140 120 100 80 60 100k 100 1k 10k 1M LIMITED BY THERMAL INTERACTION RS = 1kΩ RS = 100Ω VS = ±15V TA = 25°C VIN = 20Vp-p to 5kHz RL = 2k LIMITED BY PIN TO PIN CAPACITANCE |