Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC1647-2 Arkusz danych(PDF) 7 Page - Linear Technology

Numer części LTC1647-2
Szczegółowy opis  Dual Hot Swap Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-2 Arkusz danych(HTML) 7 Page - Linear Technology

Back Button LTC1647-2_15 Datasheet HTML 3Page - Linear Technology LTC1647-2_15 Datasheet HTML 4Page - Linear Technology LTC1647-2_15 Datasheet HTML 5Page - Linear Technology LTC1647-2_15 Datasheet HTML 6Page - Linear Technology LTC1647-2_15 Datasheet HTML 7Page - Linear Technology LTC1647-2_15 Datasheet HTML 8Page - Linear Technology LTC1647-2_15 Datasheet HTML 9Page - Linear Technology LTC1647-2_15 Datasheet HTML 10Page - Linear Technology LTC1647-2_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC1647-1/
LTC1647-2/LTC1647-3
7
1647fa
FAULT VOL vs VCC
FAULT VOL vs Temperature
tFAULT vs VCC
tFAULT vs Temperature
Circuit Breaker Reset Time vs VCC
Circuit Breaker Reset Time
vs Temperature
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G22
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TA = 25°C
IOL = 5mA
IOL = 1mA
TEMPERATURE (°C)
1647-1/2/3 G23
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VCC = 5V
IOL = 5mA
IOL = 1mA
–75 –50 –25
0
25
50
75 100 125 150
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G24
1.0
0.8
0.6
0.4
0.2
0
TA = 25°C
TEMPERATURE (°C)
1647-1/2/3 G25
1.0
0.8
0.6
0.4
0.2
0
–75 –50 –25
0
25
50
75 100 125 150
VCC = 15V
VCC = 12V
VCC = 3V
VCC = 5V
VCC (V)
0
2
4
6
8
10 12 14 16 18 20
1647-1/2/3 G26
70
60
50
40
30
TA = 25°C
TEMPERATURE (°C)
1647-1/2/3 G27
60
58
56
54
52
50
48
46
44
42
40
–75 –50 –25
0
25
50
75 100 125 150
VCC = 3V
VCC = 5V
VCC = 12V
VCC = 15V
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com